Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 289 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 289 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 293Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 462 page
background image
Chapter 13 SIB Module
13-19
13.6 SIB Registers
13.6.1
SIB Size Register
OFFSET
= $060:
write-only
Bit
Label
RESET
Read/Write
31-30
Reserved
29-18
SNDSIZE[13:2]
X
W
17-14
Reserved
13-2
TELSIZE[13:2]
X
W
1-0
Reserved
SNDSIZE[13:2]:
write-only
These bits define the size of the sound DMA buffers (16 Kbytes maximum). Both the sound RX
buffer and the sound TX buffer are the same size. The last address in the sound RX DMA buffer is
given by SNDRXSTART[31:2]
+ SNDSIZE[13:2]. The last address in the sound TX DMA buffer
is given by SNDTXSTART[31:2]
+ SNDSIZE[13:2]. The value loaded into SNDSIZE should be
equal to the desired buffer length
−1.
Note that this register is write only.
TELSIZE[13:2]:
write-only
These bits define the size of the telecom DMA buffers (16 Kbytes maximum). Both the telecom
RX buffer and the telecom TX buffer are the same size. The last address in the telecom RX DMA
buffer is given by TELRXSTART[31:2]
+ TELSIZE[13:2]. The last address in the telecom TX
DMA buffer is given by TELTXSTART[31:2]
+ TELSIZE[13:2]. The value loaded into TELSIZE
should be equal to the desired buffer length
−1.
Note that this register is write only.
13.6.2
SIB Sound RX Start Register
OFFSET
= $064:
write-only
Bit
Label
RESET
Read/Write
31-2
SNDRXSTART[31:2]
X
W
1-0
Reserved
SNDRXSTART[31:2]:
write-only
These bits define the start address for the sound RX DMA buffer. The sound RX buffer and
sound TX buffer can be configured to either reside in different memory spaces or share the same
memory space (overlapping buffers for loopback purposes or for optimum memory allocation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com