Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 462 page
background image
Chapter 13 SIB Module
13-18
VALTELNEGINT:
Issues an interrupt whenever the valid telecom status flag transitions from a logic “1” to a logic
“0”. This valid flag is triggered from SIB subframe 0 (if SELTELSF1
= “0”) or from SIB subframe
1 (if SELTELSF1
= “1”).
SNDININT:
Issues an interrupt whenever a valid sound input longword (32 bits) is available from the Sound
RX Holding Register; this also means a valid sound output longword can be written to the Sound
TX Holding Register.
TELININT:
Issues an interrupt whenever a valid telecom input longword (32 bits) is available from the
Telecom RX Holding Register; this also means a valid telecom output longword can be written to
the Telecom TX Holding Register.
SIBSF0INT:
Issues an interrupt at the start of every SIB subframe 0. This is used to initiate CPU reading of
the SIB Subframe 1 Status Register (SF1STAT Register) and/or CPU writing of the SIB Subframe
0 Control Register (SF0AUX Register).
SIBSF1INT:
Issues an interrupt at the start of every SIB subframe 1. This is used to initiate CPU reading of
the SIB Subframe 0 Status Register (SF0STAT Register) and/or CPU writing of the SIB Subframe
1 Control Register (SF1AUX Register).
SIBIRQPOSINT:
Issues an interrupt whenever the SIBIRQ pin transitions from a logic “0” to a logic “1”.
SIBIRQNEGINT:
Issues an interrupt whenever the SIBIRQ pin transitions from a logic “1” to a logic “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com