Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 291 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 291 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 293Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 294Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 295Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 462 page
background image
Chapter 13 SIB Module
13-21
13.6.6
SIB Control Register
OFFSET
= $074:
Bit
Label
RESET
Read/Write
31
SIBIRQ
–
R
30
ENCNTTEST
0
R/W
29
ENDMATEST
0
R/W
28
SNDMONO
X
R/W
27
RMONOSNDIN
X
R/W
26-24
SIBSCLKDIV[2:0]
X
R/W
23
TEL16
X
R/W
22-16
TELFSDIV[6:0]
X
R/W
15
SND16
X
R/W
14-8
SNDFSDIV[6:0]
X
R/W
7SELTELSF1
X
R/W
6
SELSNDSF1
X
R/W
5ENTEL
0
R/W
4
ENSND
0
R/W
3
SIBLOOP
0
R/W
2ENSF1
0
R/W
1ENSF0
0
R/W
0
ENSIB
0
R/W
SIBIRQ:
read-only
This bit provides the logic state of the SIBIRQ input pin. The SIBIRQ pin is active-high from
TC35143.
ENCNTTEST:
This bit is used for IC testing and should not be set.
ENDMATEST:
This bit is used for IC testing and should not be set.
SNDMONO:
This bit is used to configure the sound input and output format for SIB subframe 1 as mono
versus stereo. Setting this bit to a logic “1” selects mono mode. Clearing this bit to a logic “0”
selects stereo mode.
RMONOSNDIN:
This bit is used to select left versus right channel as the mono sound source for SIB subframe 1,
whenever the sound is configured as mono mode. Setting this bit to a logic “1” selects the right
channel as the mono sound source. Clearing this bit to a logic “0” selects the left channel as the
mono sound source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com