Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 302 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 302 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 298Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 299Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 300Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 301Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 302Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 303Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 304Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 305Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 306Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 462 page
background image
Chapter 14 SPI Module
14-2
14.2 Description
14.2.1
Block Diagram
SPIOUT
Baud Rate
Generator
Data To CPU
SPIIN
16 Bit
Transmitter
Holding
Register
Data From
CPU
16 Bit
Shift
Register
16 Bit
Receiver
Holding
Register
Inter
Character
Delay
Counter
Interrupt
Logic
Figure 14.2.1 SPI Block Diagram
The SPI Module primarily consists of a 16-bit Shift Register, a 16-bit Transmitter Holding Register, a
16-bit Receiver Holding Register, a Baud Rate Generator, an Inter Character Delay Counter, and
Interrupt Logic. A block diagram of the SPI Module is shown in Figure 14.2.1.
14.2.2
Baud Rate Generator
The rate of the SPICLK signal is determined by the value of the BAUDRATE[3:0] bits in the SPI
Control Register. The BAUDRATE[3:0] bits are used by the Baud Rate Generator to divide the SPI
master clock generated by the Clock Module logic. The typical frequency of the SPI master clock is
shown in the table below.
Table 14.2.1
SPI Master clock
frequency (fSPIMCLK)
Main System clock
frequency
Comment
TMPR3912AU-92/XB-92
9.216 MHz
46.080 MHz
fSYSCLK = 11.520 MHz,
RF[1:0] = 00, SLOWBUS = 0
TMPR3911BU/BXB
5.8982 MHz
29.4912 MHz
fSYSCLK = 7.3728 MHz,
RF[1:0] = 00, SLOWBUS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com