Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 51 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 47Page - STMicroelectronics VNF1248F Datasheet HTML 48Page - STMicroelectronics VNF1248F Datasheet HTML 49Page - STMicroelectronics VNF1248F Datasheet HTML 50Page - STMicroelectronics VNF1248F Datasheet HTML 51Page - STMicroelectronics VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
12.13
Control registers
Table 49. CR#1: control register 1 (read/write); address 01h
Bit
Default
Name
Description
23
0
AUTO_ON_DIS
Control bit to disable external FET automatic turn-on in case of bypass switch
saturation fault; in this case the DIAG pin will be driven low.
Specific for customer application test mode (‘Hot plug-in’).
Access to this field is allowed after the UNLOCK bit set to 1.
22:21
Unused
20
0
LOCKED_MODE_EN
Control bit needed to:
- Enable locked state entry in case of HWLO = 1 or EN = 0 events occurrence in
unlocked state
- Enable/Disable write access to control register fields in the locked state
19
0
CCM_CTRL_OFF
Trigger to stop CCM burst mode in unlocked/locked state
18
0
CCM_CTRL_ON
Trigger bit to start CCM burst mode in unlocked/locked state
17
0
NVM_DEF_CFG_UPLOAD
Trigger bit to upload NVM default configuration into correspondent RAM
configuration register fields (RAM overwrite)
16
0
NVM_DEF_CFG_EN
Control bit to allow reading/writing of correspondent NVM bit (through NVM
access procedure) for NVM default configuration enabling in fail-safe/locked
states
NVM bit = 1: fail-safe/locked parameters setting depending on values stored into
the NVM
NVM bit = 0: fail-safe/locked parameters setting depending on values stored into
RAM registers
Access to this bit is allowed after UNLOCK bit set to 1
15:14
0x0
FS_MODE
Fail-safe state behavior configuration (see Section 6.4: Fail-safe state)
Access to this field is allowed after the UNLOCK bit set to 1
13
0
DIN_CTRL_OPT
Unlocked state DIN control behavior configuration (see Section 6.2: Unlocked
state)
Access to this bit is allowed after UNLOCK bit set to 1
12
0
DIN_CTRL_EN
Unlocked state DIN control enable
Access to this bit is allowed after UNLOCK bit set to 1
11
0
GOSTBY
GOSTBY can be set to 1 only if UNLOCK = 1; in other words, trying to set this
bit to 1 when UNLOCK = 0 will have no effects and it maintains its previous
value.
GOSTBY can be reset to 0 also when UNLOCK = 0.
To set standby mode it is necessary to send two consecutive SPI frames, as
follows:
1st SPI write operation to set UNLOCK bit to 1
2nd SPI write operation to set GOSTBY bit to 1 and EN bit to 0
10
0
EN
EN can be set to 1 only if UNLOCK = 1; in other words, trying to set this bit to 1
when UNLOCK = 0 will have no effects and it maintains its previous value.
EN can be reset to 0 also when UNLOCK = 0.
To set the EN bit and move the device from fail-safe/locked to unlocked state, it
is necessary to send two consecutive SPI frames as follows:
1st SPI write operation to set UNLOCK bit to 1
2nd SPI write operation to set GOSTBY bit to 0 and EN bit to 1
9
0
S_T_START
When it is set to 1, starts selected-test.
VNF1248F
SPI functional description
DS14109 - Rev 7
page 51/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com