Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 53 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 49Page - STMicroelectronics VNF1248F Datasheet HTML 50Page - STMicroelectronics VNF1248F Datasheet HTML 51Page - STMicroelectronics VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics VNF1248F Datasheet HTML 56Page - STMicroelectronics VNF1248F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Table 51. CR#3: control register 3 (read/write); address 03h
Bit
Default
Name
Description
23:22
0x0
CS_UV_RETRY_T
Current sense undervoltage fault clear auto retry time (only once)
00: 100 μs
01: 250 μs
10: 500 μs
11: 1 ms
21:20
0x0
Reserved
19:18
0x0
CCM_PWM_TON_MF
Capacitive charge mode PWM ton multiplying factor
00: Ton x1
01: Ton x2
10: Ton x4
11: Ton x8
17
0x0
Reserved
16:14
0x0
CCM_VOUT_THR
Capacitive charge mode VOUT threshold selection
000: 1 V
001: 2 V
010: 3 V
011: 4 V
1xx: 5 V
13:12
0x0
Reserved
11:10
0x0
UV_THR
VS supply undervoltage threshold selection
0x: VS_USD1
10: VS_USD2
11: VS_USD3
9
0
UNLOCK
[0]: bits GOSTBY, EN cannot be set to 1 but can be reset;
[1]: bits GOSTBY, EN can be set to 1, but only with the next valid SPI frame.
When UNLOCK = 1, it is automatically reset with the next valid SPI frame.
8:5
0x0
NTC_THR
Configures a threshold for external MOSFET overtemperature shutdown.
The threshold can be set in the range [110.92 : 37.50] mV.
4:3
0x0
WD_TIME
00: tWD = 50 ms
01: tWD = 100 ms
10: tWD = 150 ms
11: tWD = 200 ms
2
0
Reserved
1
0
WD_TRIG
To keep the device in the unlocked state, this bit must be cyclically toggled within a
period equal to tWD to refresh the watchdog.
0
1
Parity bit
Odd parity bit check
Table 52. CR#4: control register 4 (read/write); address 04h
Bit
Default
Name
Description
Register function 1
23:2
0x0
NVM_CTM_ACCESS_KEY
A specific word (0x105B96) to be written to have access to NVM programming
control bits
VNF1248F
SPI functional description
DS14109 - Rev 7
page 53/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com