Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 57 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics VNF1248F Datasheet HTML 56Page - STMicroelectronics VNF1248F Datasheet HTML 57Page - STMicroelectronics VNF1248F Datasheet HTML 58Page - STMicroelectronics VNF1248F Datasheet HTML 59Page - STMicroelectronics VNF1248F Datasheet HTML 60Page - STMicroelectronics VNF1248F Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
Table 55. SR#2: status register 2; address 12h
Bit
Default
Name
Description
Access
23
0
Unused
R
22÷17
0x0
NVM_FAIL
Status of NVM download into RAM and internal registers
bit = ‘1’ --> correspondent NVM row download failed (parity err.)
bit = ‘0’ --> correspondent NVM row downloaded correctly
R/C
16÷15
0x0
NVM_OP_STATUS
NVM Read/Write operation status
00 --> IDLE: NVM operation not started
01 --> RUN: NVM operation started running
10 --> END: NVM operation completed successfully
11 --> ABORT: NVM operation aborted (wrong sector access)
R/C
14÷2
0x000
CURR_SENSE
13-bit ADC conversion related to current sense amplifier, ranging from 0V to
160 mV; unidirectional current through an external sense resistor.
R
1
0
UPDT_CURR
Updated status bit. This bit is set when the value is updated and cleared when
the register is read.
R
0
1
Parity bit
ODD parity bit check
Table 56. SR#3: status register 3; address 13h
Bit
Default
Name
Description
Access
23
Unused
22 ÷ 13 0000000000
TJ
10-bit ADC conversion related to TJ (device temperature)
R
12
0
UPDT_TJ
Updated status bit. This bit is set when the value is updated and cleared when
the register is read.
R
11 ÷ 2 0000000000
NTC
10-bit ADC conversion related to NTC (External MOSFET temperature sensing
through an external NTC resistor)
R
1
0
UPDT_NTC
Updated status bit. This bit is set when the value is updated and cleared when
the register is read.
R
0
Parity bit
ODD parity bit check
Table 57. SR#4: status register 4; address 14h
Bit
Default
Name
Description
Access
23 ÷ 12
Unused
22 ÷ 13 0000000000
VDS
10-bit ADC conversion of the voltage across the HS switch (VS-OUT).
This register is not refreshed during VDS self-test execution.
R
12
0
UPDT_VDS
Updated status bit. This bit is set when the value is updated and cleared
when the register is read.
R
11 ÷ 2 0000000000
VOUT
10-bit ADC conversion of the OUT pin
R
1
0
UPDT_VOUT
Updated status bit. This bit is set when the value is updated and cleared
when the register is read.
R
0
Parity bit
ODD parity bit check
Table 58. SR#5: status register 5; address 15h
Bit
Default
Name
Description
Access
23 ÷ 14
Unused
13
S_T_VDS_MAX1
This bit is set if VDS_THRS is reached during VDS self-test.
R/C
VNF1248F
SPI functional description
DS14109 - Rev 7
page 57/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com