Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 72 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 68Page - STMicroelectronics VNF1248F Datasheet HTML 69Page - STMicroelectronics VNF1248F Datasheet HTML 70Page - STMicroelectronics VNF1248F Datasheet HTML 71Page - STMicroelectronics VNF1248F Datasheet HTML 72Page - STMicroelectronics VNF1248F Datasheet HTML 73Page - STMicroelectronics VNF1248F Datasheet HTML 74Page - STMicroelectronics VNF1248F Datasheet HTML 75Page - STMicroelectronics VNF1248F Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
Revision history
Table 67. Document revision history
Date
Revision
Changes
20-Dec-2022
1
Initial release.
07-Nov-2023
2
Updated Section Features on cover page.
Updated Section 1 Block diagram and pin description, Table 2. Absolute maximum rating,
Section 2.3 Main electrical characteristics, Figure 4. eFuse I2-t typical curve (VOC_thrs
minimum - VHSC_thrs maximum), Figure 5. eFuse I2-t typical curve (generic thresholds),
Figure 6. Current sense self-test flow sequence, Figure 8. External FET stuck-on self-test -
flow sequence for entry, Section 6 DIN input management, Section 9 Capacitive charging
mode - CCM, Section 10.1 NVM-Programmable default configuration, Table 45. RAM memory
map, Table 46. ROM memory map (ID12.2), Section 12.13 Control registers, Section 13
Functional description, Figure 23. Device functionalities status vs device states and Section
14 Application information.
Added Section 7 Bypass control management, Section 8 Ext LDO, Section 11.8 Current sense
under voltage (CS_UV) and Section 13.1 Operating modes, Section 5 VSPI_UV.
18-Mar-2024
3
Updated Figure 1. Block diagram, Table 4. Supply specification, Table 5. SPI logic inputs
(CSN, SCK, and SDI) specification, Table 20. Bypass switch, Section 6.4: Fail-safe state,
Section 6.2: Unlocked state, Table 6. SPI logic output (SDO) specification, Table 11. DIN logic
input pin specification, Table 12. OUTST logic output pin specification, Table 16. External FET
VDS protection, Table 28. External LDO voltage and current, Section 10.1.2: NVM default
configuration and RAM registers in fail-safe, Table 35. Current sense undervoltage thresholds
and Figure 21. Application diagram.
Added Section 6.3: Locked state, Section 9: Capacitive charging mode–CCM and Section
10.1.4: Default configuration upload to RAM.
Minor text changes.
02-Jul-2024
4
Updated Features on cover page.
Updated Table 1. Pin functions, Table 2. Absolute maximum rating, Table 4. Supply
specification, Table 5. SPI logic inputs (CSN, SCK, and SDI) specification, Table 7. SPI timing
specification, Figure 3. SPI specification: timing waveforms, Table 8. HWLO logic input pin
specification, Table 12. OUTST logic output pin specification, Table 14. External FET gate
driver specification, Table 15. Current sense amplifier , Table 17. External FET VDS
protection, Table 18. Hard short circuit protection with integrated 10-bit ADC,
Table 19. Overcurrent protection, and Table 22. VOUT A-to-D conversion.
Updated title of Table 11. Voltage and current thresholds of DIN PIN to Table 11. DIN logic
input pin specification, and Table 12. Voltage and current thresholds of OUTST PIN to
Table 12. OUTST logic output pin specification.
Updated Figure 7. Current sense self-test flow sequence, Figure 8. VDS monitor self-test flow
sequence, and Figure 9. External FET stuck-on self-test flow sequence for entry.
Updated Section 6.1: Standby state, replaced Figure 10. UNLOCKED state – DIN control
behavior with Table 24. Unlocked state - DIN control behavior, and Figure 11. FAILSAFE state
with Table 25. Fail-safe state. Removed Table 25. Voltage and current thresholds of DIN PIN.
Updated Table 26. Bypass switch control vs FSM.
Updated Section 9: Capacitive charging mode–CCM, Table 29. CCM PWM standard period
setting, Figure 10. CCM in unlocked state (1), and Figure 11. CCM in fail-safe state.
Updated Table 46. Global status byte - Bit description, Table 47. RAM memory map,
Table 49. CR#1: control register 1 (read/write); address 01h, Table 50. CR#2: control register
2 (read/write); address 02h , Table 51. CR#3: control register 3 (read/write); address 03h,
Table 52. CR#4: control register 4 (read/write); address 04h, Table 53. CR#5: control register
5 (read/write); address 05h, Table 49. CR#1: control register 1 (read/write); address 01h, and
removed Table 51. S_T_CFG self test selection.
Updated Figure 20. State diagram, Section 13.3: Standby state, Section 13.4: Fail-safe state,
Section 13.5: Unlocked state, Section 13.6: Locked state, and replaced Figure 23. Device
functionalities status vs device states with Table 62. Device functionalities status vs device
states.
Updated Section 14: Application information.
Minor text changes.
VNF1248F
DS14109 - Rev 7
page 72/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com