Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 54 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 50Page - STMicroelectronics VNF1248F Datasheet HTML 51Page - STMicroelectronics VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics VNF1248F Datasheet HTML 56Page - STMicroelectronics VNF1248F Datasheet HTML 57Page - STMicroelectronics VNF1248F Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
Bit
Default
Name
Description
Access to this field is allowed only after the UNLOCK bit is set to ‘1’
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
1
Parity bit
Odd parity bit check
Register function 2: the following fields are enabled only if function 1 has been executed successfully
23:12
0x0
Reserved
11:8
0x0
NVM_ADDR
Address of NVM sector to be accessed. Only address 0x5 is available to
customer access.
7:4
0x0
Reserved
3
0
NVM_WR_EN
NVM operation type:
1: NVM sector data programming/write
0: NVM sector data read
2
0
NVM_OP_START
Trigger bit to start NVM operation
Write-only, read always 0
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
1
Parity bit
Odd parity bit check
Table 53. CR#5: control register 5 (read/write); address 05h
Bit
Default
Name
Description
23:22
0x0
CCM_TIMEOUT
Capacitive load charge (burst mode) maximum time duration:
00: 200 ms
01: 250 ms
10: 300 ms
11: 400 ms
21:17
0x0
CCM_PWM_SC_T_NB
Capacitive load charge (burst mode) maximum number of lower frequency PWM
pulses for short circuit check (start phase)
Range: 5 to 50 pulses, variable step (refer to the Table 28.)
16:14
0x0
CCM_PWM_SC_T
Capacitive load charge (burst mode) time duration of PWM period during short
circuit check (start phase)
000: 2.0 ms
001: 2.5 ms
010: 3.0 ms
011: 3.5 ms
1 - -: 4.0 ms
13:8
0x0
CCM_PWM_TON
Capacitive load charge (burst mode) PWM Ton setting
Range: 1 to 50 μs, variable step (refer to the Table 27)
0x0 configuration: high-side driver controlled by protection only (hard short, fuse
latch)
7:2
0x0
CCM_PWM_T
Capacitive load charge (burst mode) PWM period during standard phase
Range: 50 to 4000 μs (refer to the Table 29)
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
1
Parity bit
Odd parity bit check
VNF1248F
SPI functional description
DS14109 - Rev 7
page 54/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com