Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 56 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics VNF1248F Datasheet HTML 56Page - STMicroelectronics VNF1248F Datasheet HTML 57Page - STMicroelectronics VNF1248F Datasheet HTML 58Page - STMicroelectronics VNF1248F Datasheet HTML 59Page - STMicroelectronics VNF1248F Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
Bit
Default
Name
Description
Access
It is reset:
1. in Fail-safe state if FS_MODE = `00'/`01' AND DIN falling edge occur.
2. in Unlocked/Locked state if DIN_CTRL_EN = 1 AND DIN falling edge
occur.
8
0
BYPASS_SAT
Low current bypass desaturation shut-down: a desaturation shut down of the
low current bypass (BYPASS_SAT = 1) occurs if the VDS exceeds the preset
threshold when HS is in off-state and the bypass is in on-state.
When BYPASS_SAT = 1 external MOSFET is automatically commanded on,
independently on OUTCTL.
This bit is reset if a DIN rising edge occurs.
The low current bypass is re-armed via SPI.
This bit is also set to 1 correspondingly to the transition from wake-up to
unlocked mode.
R/C
7
0
FUSE_LATCH
Current vs time latch-off: an overcurrent shut down of the MOSFET
(FUSE_LATCH = 1) occurs when the current sense voltage exceeds the
preset threshold for longer than the preset time
(I2-t curve emulating a traditional fuse). When it happens, the bypass is
switched off as well. The MOSFET is rearmed via SPI.
It is reset:
1. in Fail-safe state if FS_MODE = `00'/`01' AND DIN falling edge occur.
2. in Unlocked/Locked state if DIN_CTRL_EN = 1 AND DIN falling edge
occur.
R/C
6
0
OVC
Overcurrent warning: an overcurrent warning (OVC = 1) occurs even when the
current sense voltage exceeds the preset threshold for a time not longer than
the preset time.
This is a “real-time” bit.
R
5
0
DEV_OVT
Overtemperature shut-down (“real-time” bit). When it is set to 1, the high side,
bypass, and charge pump are switched off.
R
4
0
NTC_OVT
External MOS overtemperature: this bit is set when NTC is lower than
NTC_THR for more than a certain deglitch time. When it happens, the bypass
is switched off as well.
The MOSFET is rearmed via SPI.
It is reset:
1. in Fail-safe state if FS_MODE = `00'/`01' AND DIN falling edge occur.
2. in Unlocked/Locked state if DIN_CTRL_EN = 1 AND DIN falling edge
occur.
R/C
3
0
VGS_LOW
This bit is set in on-state when VGS falls below VGS_UVLO_*V for more than
VG_UVLO_DEGLITCH time (8us typ). When this bit is set, the external FET is
switched off.
It is reset:
1. in Fail-safe state if FS_MODE = `00'/`01' AND DIN falling edge occur.
2. in Unlocked/Locked state if DIN_CTRL_EN = 1 AND DIN falling edge
occur.
R/C
2
0
CP_LOW
This bit is set when VCP falls below VCP_low threshold (VS + 5 V) for more
than tCP_RISE (60us typ). When this bit is set, the external FET driver is
disabled. This is a “real-time” bit.
R
1
0
WD_FAIL
Watchdog failure bit:
[0]: watchdog OK;
[1]: watchdog failure in unlocked/locked/self-test state
When this bit is set, the device moves to the fail-safe state.
R/C
0
Parity bit
ODD parity bit check
VNF1248F
SPI functional description
DS14109 - Rev 7
page 56/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com