Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 77 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 71Page - STMicroelectronics VNF1248F Datasheet HTML 72Page - STMicroelectronics VNF1248F Datasheet HTML 73Page - STMicroelectronics VNF1248F Datasheet HTML 74Page - STMicroelectronics VNF1248F Datasheet HTML 75Page - STMicroelectronics VNF1248F Datasheet HTML 76Page - STMicroelectronics VNF1248F Datasheet HTML 77Page - STMicroelectronics VNF1248F Datasheet HTML 78Page - STMicroelectronics VNF1248F Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
Table 54.
SR#1: status register 1; address 11h ..................................................... 55
Table 55.
SR#2: status register 2; address 12h ..................................................... 57
Table 56.
SR#3: status register 3; address 13h ..................................................... 57
Table 57.
SR#4: status register 4; address 14h ..................................................... 57
Table 58.
SR#5: status register 5; address 15h ..................................................... 57
Table 59.
SR#6: status register 6; address 16h ..................................................... 58
Table 60.
SR#7: status register 7; address 17h ..................................................... 58
Table 61.
SR#8: status register 8; address 18h ..................................................... 59
Table 62.
Device functionalities status vs device states ................................................ 64
Table 63.
Component value................................................................... 66
Table 64.
QFN32L Epad (5.0x5.0x1.0 mm) package mechanical data...................................... 68
Table 65.
QFN32L Epad 5x5 mm carrier tape ...................................................... 69
Table 66.
Ordering information................................................................. 71
Table 67.
Document revision history ............................................................. 72
VNF1248F
List of tables
DS14109 - Rev 7
page 77/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com