Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 55 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 51Page - STMicroelectronics VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics VNF1248F Datasheet HTML 55Page - STMicroelectronics VNF1248F Datasheet HTML 56Page - STMicroelectronics VNF1248F Datasheet HTML 57Page - STMicroelectronics VNF1248F Datasheet HTML 58Page - STMicroelectronics VNF1248F Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
12.14
Status registers
Table 54. SR#1: status register 1; address 11h
Bit
Default
Name
Description
Access
23:22
0x0
CCM_STATUS
Capacitive load charge burst mode operation status:
00 → IDLE: CCM operation not started
01 → RUN: CCM operation started running
10 → CHARGED: CCM operation completed successfully
11 → CHARGE INCOMPLETE: CCM operation aborted (timeout/short circuit)
R/C
21
0
CS_UV
Current sense (ISense_P) undervoltage bit
Set if Isense_P voltage falls below the internally configured current sense
undervoltage threshold.
It is reset:
1. in Fail-safe state if FS_MODE = `00'/`01' AND DIN falling edge occur.
2. in Unlocked/Locked state if DIN_CTRL_EN = 1 AND DIN falling edge
occur.
R/C
20
0
EXT_REG_ON
The EXT_REG_ON bit is "0" by default; it is latched to `1' if the VEXT_LDO >
VEXT_LDO_H, (the device is automatically powered by the external regulator)
and reset when a power-on or a standby state occurs (internal supply node
powered by internal LDO regulator).
R
19
0
DIN_ST
DIN input status flag bit
R
18
0
DIS_OUT_FAULT
Disable output fault:
this bit is set during a transition to fail-safe state when CR#1_FS_MODE =
“11”. When it is set, both the high-side and bypass are switched off.
R/C
17
0
SELFTEST_STATE FSM SELF-TEST state flag bit
R
16
0
OUT_ST
High-side gate driver status bit
[1]: HS gate driver turned on
[0]: HS gate driver turned off
R
15
0
BYPASS_ST
Low current bypass status bit
[1]: LCB turned on
[0]: LCB turned off
R
14
0
LOCKED_STATE
FSM LOCKED state flag bit
R
13
0
FAILSAFE_STATE FSM fail-safe state flag bit
R
12
0
HWLO_ST
HWLO mirror bit
R
11
0
VS_UV
VS undervoltage “real-time” bit
[0] VS > VS,UV_H
[1] VS ≤ VS,UV_L
If the battery supply voltage VS falls below the undervoltage shutdown
threshold, then the HS gate driver, bypass, and charge pump are switched off.
R
10
0
HSC
Hard short circuit latch-off: a hard short circuit shut-down of the MOSFET
(HSC = 1) occurs when the current sense voltage exceeds the preset
threshold. When it happens, the bypass is switched off as well. The MOSFET
is re via SPI.
R/C
9
0
VDS_MAX
External MOSFET desaturation shut-down: a desaturation shut down of the
MOSFET (VDS_MAX = 1) occurs if the VDS exceeds the preset threshold when
HS is in on-state after a preset blanking time. When it happens, the bypass is
switched off as well.
The MOSFET is rearmed via SPI.
R/C
VNF1248F
SPI functional description
DS14109 - Rev 7
page 55/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com