Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 61 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 57Page - STMicroelectronics VNF1248F Datasheet HTML 58Page - STMicroelectronics VNF1248F Datasheet HTML 59Page - STMicroelectronics VNF1248F Datasheet HTML 60Page - STMicroelectronics VNF1248F Datasheet HTML 61Page - STMicroelectronics VNF1248F Datasheet HTML 62Page - STMicroelectronics VNF1248F Datasheet HTML 63Page - STMicroelectronics VNF1248F Datasheet HTML 64Page - STMicroelectronics VNF1248F Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
13
Functional description
This functionality is managed by the 6-states based FSM, to distinguish between initial phase, after power-on
reset, low power status, active status (user full control), locked status (user output control, device configuration
locked), safe (limp-home) status, and autodiagnostic phase. Main control supports three different wake-up
sources from low power state and automatic FET turn-on (active standby feature).
The device state diagram is shown in the next figure.
13.1
Operating modes
The device can operate in the following different modes:
•
Power-on mode
•
Standby mode
•
Fail-safe mode
•
Unlocked mode
•
Locked mode
•
Self-test mode
Figure 20. State diagram
Notes:
(**) Transition to unlocked sets 'EN' bit to 1.
(***) Transition to fail-safe resets 'EN' bit to 0.
tSTBY_OUT = 4 μs
tSTBY_IN = 80 ms
tS_T_WAIT = 5 μs
Unlocked
Output status per unlocked table
Bypass status per unlocked table
SPI active
‘EN’ = 1 (**)
IS = IS(ON)
(‘BYPASSCTL’ = 1 AND VS-VOUT > VDS_bypass_sat)
OR
((DIN = 1 for t > tSTBY_OUT) AND
(‘FS_MODE’ != 01))
(DIN = 0 AND CSN = 1 for t > tSTBY_IN)
AND ‘FS_MODE’ = 00
AND ‘BYPASS_SAT’ = 0
Fail-safe
Output status per fail-safe table
Bypass status per fail-safe table
DIAG status per fail-safe table
SPI is active
Control register locked
‘FAILSAFE_STATE’ = 1
‘EN’ = 0 (***)
Standby
Bypass = ‘BYPASSCTL’
Output OFF
SPI not active
RAM Registers at last state
‘GOSTBY’ = 0
ISPI = ISPI_STBY
IS = IS_Q
Locked
Output status per locked table
Bypass status per locked table
NVM or RAM locked configuration
SPI active
‘LOCKED_STATE’=1
‘EN’= 0
Power-on
Output OFF
Bypass OFF
RAM Registers default cfg
SPI not active
‘RSTB’ = 1
‘LOCKED_MODE_EN’ = 1 AND
(‘HWLO_ST’ = 1 OR ‘EN’ = 0)
‘WD_FAIL’ = 1 OR ‘GSB.SPIE’ = 1
‘WD_FAIL’ = 1 OR ‘GSB.SPIE’ = 1 OR
((‘LOCKED_MODE_EN’ = 0‘) AND
(HWLO_ST’ = 1 OR ‘EN’ = 0))
PoR
Reset
‘GoToUnlocked’ SPI Sequence
t > tPWON
Self-test
Output/Bypass status depending
on test
SPI active
‘EN’ = 1
‘S_T_START’ = 1 AND
‘S_T_CFG’ ≠ 000
Self-test completed OR
‘S_T_STOP’ = 1 after tS_T_WAIT
‘GoToUnlocked’
SPI Sequence
(to fail-safe):
‘WD_FAIL’ = 1 after tS_T_WAIT OR
‘HWLO_ST’ = 1 after tS_T_WAIT
(from self-test)
(to standby):
‘’GoToStandby’ SPI Sequence
(from locked)
all states
VS < VS_POR_OFF
VS > VS_POR_ON
(*) Transition to fail-safe sets 'BYPASS_SAT'status bit to 1 only if BYPASSCTL = 1 and VS-VOUT > VDS_bypass_sat .
VNF1248F
Functional description
DS14109 - Rev 7
page 61/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com