Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 78 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 71Page - STMicroelectronics VNF1248F Datasheet HTML 72Page - STMicroelectronics VNF1248F Datasheet HTML 73Page - STMicroelectronics VNF1248F Datasheet HTML 74Page - STMicroelectronics VNF1248F Datasheet HTML 75Page - STMicroelectronics VNF1248F Datasheet HTML 76Page - STMicroelectronics VNF1248F Datasheet HTML 77Page - STMicroelectronics VNF1248F Datasheet HTML 78Page - STMicroelectronics VNF1248F Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Configuration diagram (top through view) .................................................. 3
Figure 3.
SPI specification: timing waveforms...................................................... 9
Figure 4.
NTC bridge ..................................................................... 16
Figure 5.
eFuse I2-t typical curve (VOC_thrs minimum - VHSC_thrs maximum) ............................. 19
Figure 6.
eFuse I2-t typical curve (generic thresholds) ............................................... 19
Figure 7.
Current sense self-test flow sequence ................................................... 21
Figure 8.
VDS monitor self-test flow sequence .................................................... 23
Figure 9.
External FET stuck-on self-test flow sequence for entry ....................................... 24
Figure 10.
CCM in unlocked state (1)............................................................ 34
Figure 11.
CCM in fail-safe state .............................................................. 34
Figure 12.
NVM write operation ............................................................... 36
Figure 13.
NVM read operation ............................................................... 36
Figure 14.
SPI functional diagram.............................................................. 43
Figure 15.
SPI write operation ................................................................ 45
Figure 16.
SPI read operation ................................................................ 46
Figure 17.
SPI read and clear operation ......................................................... 46
Figure 18.
SPI read device information .......................................................... 47
Figure 19.
Timeout watchdog................................................................. 60
Figure 20.
State diagram.................................................................... 61
Figure 21.
Application diagram (MCU 3.3 V) ...................................................... 65
Figure 22.
Application diagram (MCU 5 V)........................................................ 65
Figure 23.
QFN32L Epad (5.0x5.0x1.0 mm) package outline ........................................... 67
Figure 24.
QFN32L Epad 5x5 mm carrier tape ..................................................... 69
Figure 25.
QFN32L Epad 5x5 marking information .................................................. 70
VNF1248F
List of figures
DS14109 - Rev 7
page 78/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com