Electronic Components Datasheet Search
  English  ▼

X  

VNF1248F Datasheet(PDF) 76 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 76 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 71Page - STMicroelectronics VNF1248F Datasheet HTML 72Page - STMicroelectronics VNF1248F Datasheet HTML 73Page - STMicroelectronics VNF1248F Datasheet HTML 74Page - STMicroelectronics VNF1248F Datasheet HTML 75Page - STMicroelectronics VNF1248F Datasheet HTML 76Page - STMicroelectronics VNF1248F Datasheet HTML 77Page - STMicroelectronics VNF1248F Datasheet HTML 78Page - STMicroelectronics VNF1248F Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
List of tables
Table 1.
Pin functions ....................................................................... 4
Table 2.
Absolute maximum rating .............................................................. 5
Table 3.
Thermal data....................................................................... 6
Table 4.
Supply specification .................................................................. 6
Table 5.
SPI logic inputs (CSN, SCK, and SDI) specification ............................................ 8
Table 6.
SPI logic output (SDO) specification ....................................................... 8
Table 7.
SPI timing specification................................................................ 8
Table 8.
HWLO logic input pin specification ........................................................ 9
Table 9.
DIAG logic output pin specification ....................................................... 10
Table 10.
Device thermal shutdown ............................................................. 10
Table 11.
DIN logic input pin specification ......................................................... 10
Table 12.
OUTST logic output pin specification ..................................................... 10
Table 13.
Charge pump specification ............................................................ 10
Table 14.
External FET gate driver specification..................................................... 11
Table 15.
Current sense amplifier .............................................................. 11
Table 16.
Integrated VSENSE 13-bit ADC ......................................................... 11
Table 17.
External FET VDS protection........................................................... 12
Table 18.
Hard short circuit protection with integrated 10-bit ADC......................................... 13
Table 19.
Overcurrent protection ............................................................... 14
Table 20.
External FET thermal shutdown via NTC input ............................................... 15
Table 21.
Bypass switch ..................................................................... 16
Table 22.
VOUT A-to-D conversion .............................................................. 16
Table 23.
Self-test timing..................................................................... 17
Table 24.
Unlocked state - DIN control behavior..................................................... 26
Table 25.
Fail-safe state ..................................................................... 27
Table 26.
Bypass switch control vs FSM .......................................................... 28
Table 27.
CCM PWM Ton setting ............................................................... 31
Table 28.
CCM PWM max. start pulses number setting ................................................ 32
Table 29.
CCM PWM standard period setting ...................................................... 33
Table 30.
NVM mapped configuration parameters ................................................... 37
Table 31.
Device and output configuration options ................................................... 38
Table 32.
Control register fields (not NVM mapped) .................................................. 39
Table 33.
Current sense undervoltage thresholds.................................................... 42
Table 34.
Command byte .................................................................... 44
Table 35.
Input data byte 1 ................................................................... 44
Table 36.
Input data byte 2 ................................................................... 44
Table 37.
Input data byte 3 ................................................................... 44
Table 38.
Global status byte .................................................................. 44
Table 39.
Output data byte 1 .................................................................. 45
Table 40.
Output data byte 2 .................................................................. 45
Table 41.
Output data byte 3 .................................................................. 45
Table 42.
Operating codes ................................................................... 45
Table 43.
0xFF: (SW_Reset) .................................................................. 47
Table 44.
Clear all status registers (RAM access).................................................... 48
Table 45.
Global status byte .................................................................. 48
Table 46.
Global status byte - Bit description ....................................................... 48
Table 47.
RAM memory map .................................................................. 49
Table 48.
ROM memory map.................................................................. 50
Table 49.
CR#1: control register 1 (read/write); address 01h ............................................ 51
Table 50.
CR#2: control register 2 (read/write); address 02h ............................................ 52
Table 51.
CR#3: control register 3 (read/write); address 03h ............................................ 53
Table 52.
CR#4: control register 4 (read/write); address 04h ............................................ 53
Table 53.
CR#5: control register 5 (read/write); address 05h ............................................ 54
VNF1248F
List of tables
DS14109 - Rev 7
page 76/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com