Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
VBAT (V)
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
45
50
Receiver ICN
Speaker ICN
RL = 8 Ω
1S Boost Mode
Figure 5-39. Idle channel noise vs 1S Battery
voltage
VBAT (V)
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
0
5
10
15
20
25
30
35
40
45
50
Receiver ICN
Speaker ICN
RL = 8 Ω
1S Boost Mode
Figure 5-40. Idle channel noise vs 2S Battery
voltage
PVDD (V)
4.5
6
7.5
9
10.5
12
13.5
15
0
5
10
15
20
25
30
35
40
45
50
Receiver ICN
Speaker ICN
RL = 8 Ω
External PVDD Mode
Figure 5-41. Idle channel noise vs PVDD voltage
Frequency (Hz)
20 30 50 100 200
500 1000 2000
10000
50000
50000
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Fs = 16ksps
Fs = 48ksps
Fs = 96ksps
RL = 8 Ω
Figure 5-42. Audio channel frequency response
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
VDD = 1.8 V
VBAT = 3.6 V
RL = 8 Ω
1S Boost Mode
Figure 5-43. PSRR vs Frequency
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
PVDD = 12 V, VDD Y-bridge enabled
PVDD = 12 V, VDD Y-bridge disabled
RL = 8 Ω
External PVDD Mode
Figure 5-44. PSRR vs Frequency
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com