Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
NO.
BGND
12
P
Boost ground. Connect to PCB GND plane strongly with multiple vias.
DREG
26
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to an
external load.
FSYNC
8
I
I2S word clock or TDM frame sync.
GREG
17
P
High-side gate CP regulator output. Do not connect to an external load.
GND
22, 23, 25
P
Connect to PCB ground plane. Strong connection to ground plane required through
multiple vias.
IOVDD
5
P
1.8V or 3.3V Digital IO supply. Decouple to GND with capacitor.
IRQZ
6
O
Open drain, active low interrupt pin. Keep floating or short to GND if not used.
OUT_N
19
O
Class-D negative output.
OUT_P
20
O
Class-D positive output.
PGND
21
P
Class-D Power stage ground. Connect to PCB GND plane strongly through multiple vias.
PVDD
18
P
Integrated boost output and Class-D power stage supply. Decouple to GND with capacitor.
SBCLK
9
I
I2S or TDM serial bit clock.
SDIN
10
I
I2S or TDM serial data input.
SDOUT
11
I/O
I2S or TDM serial data output.
SDZ
7
I
Active low hardware shutdown.
SEL1_I2C
16
I
HW Mode: Select 1 Pin. Amplifier gain level selection with volume ramp enable and
disable options.
I2C Mode: Short to GND for I2C mode selection.
SEL2_SCL
4
I
HW Mode: Select 2 Pin. I2S, TDM, Left justified selection.
I2C Mode: Clock Pin. Pull up to IOVDD with a resistor.
SEL3_SDA
3
I/O
HW Mode: Select 3 Pin. Data valid rising edge and falling edge selection.
I2C Mode: Data Pin. Pull up to IOVDD with a resistor.
SEL4_ADR
2
I
HW Mode: Select 4 Pin.Y-bridge threshold configuration setting.
I2C Mode: I2C address pin.
SEL5_CLH
1
I/O
HW Mode: Select5 Pin. Boost 1S, 2S, External PVDD mode selection.
I2C Mode: Class-H boost control. Shared boost input or external boost PWM generation.
Short to GND if shared boost or external boost feature is not used.
SW
13
P
Internal boost converter switch input. Keep floating if internal boost is not used.
VBAT
15
P
Battery power supply input. Connect to a 2.5 to 5.5V supply and decouple with a capacitor.
VBAT_SNS
14
I
Battery sense terminal. Connect to battery supply for remote battery sensing. Short to
GND if battery sense feature is not used.
VDD
24
P
Connect to 1.8V supply and decouple to GND with capacitor.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com