Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 68 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 64Page - Texas Instruments TAS2120 Datasheet HTML 65Page - Texas Instruments TAS2120 Datasheet HTML 66Page - Texas Instruments TAS2120 Datasheet HTML 67Page - Texas Instruments TAS2120 Datasheet HTML 68Page - Texas Instruments TAS2120 Datasheet HTML 69Page - Texas Instruments TAS2120 Datasheet HTML 70Page - Texas Instruments TAS2120 Datasheet HTML 71Page - Texas Instruments TAS2120 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
Table 7-45. INT_LATCH_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_LTCH1[7]
R
0h
Interrupt due to PVDD under voltage detection
0h = No interrupt
1h = Interrupt
6
INT_LTCH1[6]
R
0h
Interrupt due to VBAT2S under voltage detection
0h = No interrupt
1h = Interrupt
5
RESERVED
R
0h
Reserved
4
INT_LTCH1[4]
R
0h
Interrupt due to Thermal Warning 135C
0h = No interrupt
1h = Interrupt
3
INT_LTCH1[3]
R
0h
Interrupt due to Thermal Warning 125C
0h = No interrupt
1h = Interrupt
2
INT_LTCH1[2]
R
0h
Interrupt due to Thermal Warning 115C
0h = No interrupt
1h = Interrupt
1
INT_LTCH1[1]
R
0h
Interrupt due to Thermal Warning 105C
0h = No interrupt
1h = Interrupt
0
RESERVED
R
0h
Reserved
7.1.45 INT_LATCH_2 Register (Address = 62h) [Reset = 00h]
Return to the Summary Table.
This register provides the status of latched interrupts.
Table 7-46. INT_LATCH_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_LTCH2[7]
R
0h
Interrupt due to watchdog expiry
0h = No interrupt
1h = Interrupt
6
RESERVED
R
0h
Reserved
5
INT_LTCH2[5]
R
0h
Interrupt due to frame out of sync
0h = No interrupt
1h = Interrupt
4
INT_LTCH2[4]
R
0h
Interrupt due to PLL clock error
0h = No interrupt
1h = Interrupt
3
INT_LTCH2[3]
R
0h
Interrupt due to tdm error
0h = No interrupt
1h = Interrupt
2
INT_LTCH2[2]
R
0h
Interrupt due to ratio change error flag
0h = No interrupt
1h = Interrupt
1
INT_LTCH2[1]
R
0h
Interrupt due to fs change error flag
0h = No interrupt
1h = Interrupt
0
INT_LTCH2[0]
R
0h
Interrupt due to invalid ratio fs flag
0h = No interrupt
1h = Interrupt
7.1.46 INT_LATCH_3 Register (Address = 63h) [Reset = 00h]
Return to the Summary Table.
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
68
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com