Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
switching, power down analog and digital blocks to ensure no power down pop and finally put the device into
Hardware Shutdown mode. I2C communication is disabled while the SDZ pin is asserted low in this mode.
If configured in SDZ_MODE[1:0] = 01, when the SDZ pin is asserted low the device will immediately enter the
hardware shutdown and will not go through any power-down sequencing routine. It is recommended to ensure
that the audio input signal is ramped down to the idle channel before asserting the SDZ pin low in this mode,
device software mute mode can be used to realize this. I2C communication is disabled while the SDZ pin is
asserted low in this mode.
Finally, the device can be configured to Software shutdown mode by setting SDZ_MODE[1:0] = 10. In this
mode, when the SDZ pin is pulled low, the device will follow normal power-down sequencing and enter software
shutdown mode. All the device register configuration programmed is retained as is from the state the device was
in before the SDZ pin was pulled low. I2C communication is still available while the SDZ pin is asserted low in
this mode.
Table 6-1. Shutdown Control
SDZ_MODE[1:0]
Configuration
00 (default)
Hardware shutdown mode with
power-down sequencing
01
Hardware shutdown mode -
immediate
10
Software shutdown mode (All
register values retained)
11
Reserved
When SDZ_MODE[1:0] is 00 or 10, the device goes through shutdown sequencing and the SDZ pin must be
held low for the entire duration of the shutdown time. The shutdown time is specified in the Power up/down
Time section of the Electrical Characteristics section. When SDZ is released, the device will sample relevant
configuration and address pins then enter software shutdown mode.
6.3.1.2 Hardware Config Modes
The TAS2120 device can operate in a Pin control based HW Mode depending on the resistor terminations used
for Select Pin1 to Select Pin5. Pin control based HW Mode behavior of the device is designed to simplify device
configuration without using any software based configurations through I2C communication.
Table 6-2. Select Pin Functionalities
Select Pin Name
Functionality
SEL1
Amplifier gain setting with volume
ramp enable/disable option
SEL2
I2S, TDM, Left justified selection
SEL3
Data valid rising/falling edge
selection
SEL4
Y-bridge threshold configuration
SEL5
Supply voltage mode selection
Table 6-3. SEL1 HW Mode configuration
SEL1 Connection
Amplifier Gain
Volume Ramp
Direct Short to GND
Configured through
I2C
Configured through
I2C
1.2kΩ to GND
6 dBV
Disabled
1.2kΩ to VBAT
12 dBV
Disabled
5kΩ to GND
18 dBV
Disabled
330Ω to VBAT
21 dBV
Disabled
5kΩ to VBAT
6 dBV
Enabled
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com