Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 43Page - Texas Instruments TAS2120 Datasheet HTML 44Page - Texas Instruments TAS2120 Datasheet HTML 45Page - Texas Instruments TAS2120 Datasheet HTML 46Page - Texas Instruments TAS2120 Datasheet HTML 47Page - Texas Instruments TAS2120 Datasheet HTML 48Page - Texas Instruments TAS2120 Datasheet HTML 49Page - Texas Instruments TAS2120 Datasheet HTML 50Page - Texas Instruments TAS2120 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
6.5.1 I2C Control Interface
The device supports the I2C control protocol as a target device, and is capable of operating in standard mode,
fast mode, and fast mode plus. Device configuration and status are provided via the SDA and SCL pins using
the I2C protocol.
6.5.2 I2C Address Selection
The TAS2120 can operate using one of four selectable device addresses. I2C target addresses is defined as
the 7 MSBs followed by read/write bit. Table 6-46 below illustrates how to select the device I2C address and
the address corresponds to R/W bit set to 0 (ie ADDR[6:0],1b'0). The I2C address is detected by sampling the
address pins when SDZ pin is released or when device is reset using software reset bit.
Table 6-46. I2C Mode Address Selection
I2C TARGET ADDRESS
ADDR PIN
0x80 (global address)
NA
0x90
Short to GND
0x92
24k to GND
0x94
24k to IOVDD
0x96
Connect to IOVDD
The TAS2120 has a global 7-bit I2C address 0x40 (0x80 in 8-bit format with R/W bit set to 0). When enabled
the device will additionally respond to I2C commands at this address regardless of the address pins selected .
This is used to speed up device configuration when using multiple TAS2120 devices and programming similar
settings across all devices. The I2C ACK / NACK cannot be used during the multi-device writes since multiple
devices are responding to the I2C command. The I2C CRC function should be used to ensure each device
properly received the I2C commands. At the completion of writing multiple devices using the global address, the
CRC at I2C_CKSUM register should be checked on each device using the local address for a proper value. The
global I2C address can be disabled using I2C_GBL_EN register.
Table 6-47. I2C Global Address Enable
I2C_GBL_EN
SETTING
0
Disabled
1
Enabled (default)
6.5.3 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits
in a system using serial data transmission. The address and data 8-bit bytes are transferred MSB first. In
addition, each byte transferred on the bus is acknowledged by the receiving device with an acknowledge bit.
Each transfer operation begins with the controller device driving a start condition on the bus and ends with the
controller device driving a stop condition on the bus. The bus uses transitions on the data pin (SDA) while the
clock is at logic high to indicate start and stop conditions. A high-to-low transition on SDA indicates a start, and
a low-to-high transition indicates a stop. Normal data-bit transitions must occur within the low time of the clock
period.
The controller device drives a start condition followed by the 7-bit target address and the read/write (R/W)
bit to open communication with another device and then waits for an acknowledgment condition. The target
device holds SDA low during the acknowledge clock period to indicate acknowledgment. When this occurs, the
controller device transmits the next byte of the sequence. Each target device is addressed by a unique 7-bit
target address plus the R/W bit (1 byte). All compatible devices share the same signals via a bidirectional bus
using a wired-AND connection.
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com