Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
4 Pin Configuration and Functions
8
FSYNC
DREG
GND
VDD
GND
GND
SEL5_CLH
SBCLK
SDIN
SDOUT
BGND
SW
VBAT_SNS
9
10
12
13
11
14
PGND
1
26
25
23
22
24
21
15
16
17
18
19
20
7
6
5
4
3
2
Figure 4-1. QFN Package Bottom View
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com