Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 92 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 88Page - Texas Instruments TAS2120 Datasheet HTML 89Page - Texas Instruments TAS2120 Datasheet HTML 90Page - Texas Instruments TAS2120 Datasheet HTML 91Page - Texas Instruments TAS2120 Datasheet HTML 92Page - Texas Instruments TAS2120 Datasheet HTML 93Page - Texas Instruments TAS2120 Datasheet HTML 94Page - Texas Instruments TAS2120 Datasheet HTML 95Page - Texas Instruments TAS2120 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
7.8 PAGE 7 Registers
Table 7-133 lists the memory-mapped registers for the PAGE 7 registers. All register offset addresses not listed
in Table 7-133 should be considered as reserved locations and the register contents should not be modified.
Table 7-133. PAGE 7 Registers
Address
Acronym
Description
Section
0h
PAGE
Device Page
Section 7.8.1
30h
DEV_PERF_TUNING_17
Device performance Tuning
Section 7.8.2
44h
CLASSH_TUNING_15
ClassH Tuning register
Section 7.8.3
78h
DEV_PERF_TUNING_21
Device performance Tuning
Section 7.8.4
7Ch
DEV_PERF_TUNING_05
Device performance Tuning
Section 7.8.5
7.8.1 PAGE Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The devices memory map is divided into pages and books. This register sets the page.
Table 7-134. PAGE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.8.2 DEV_PERF_TUNING_17 Register (Address = 30h) [Reset = 0E9DDFh]
Return to the Summary Table.
Device performance Tuning
Table 7-135. DEV_PERF_TUNING_17 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DEV_PERF_TUNING_17[
23:0]
R/W
E9DDFh
Addresses 0x30 to 0x32 are combined. Can be configured using the
PPC3 Software.
7.8.3 CLASSH_TUNING_15 Register (Address = 44h) [Reset = 580000h]
Return to the Summary Table.
ClassH Tuning register
Table 7-136. CLASSH_TUNING_15 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
CLASSH_TUNING_15[23:
0]
R/W
580000h
Addresses 0x44 to 0x46 are combined. Can be configured using the
PPC3 Software.
7.8.4 DEV_PERF_TUNING_21 Register (Address = 78h) [Reset = 000070h]
Return to the Summary Table.
Device performance Tuning
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
92
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com