Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
Table 6-19. Amplifier Output Level Settings
AMP_LVL[5:0]
FULL SCALE OUTPUT
dBV
VPEAK (V)
0x00
21.000
15.9
0x01
20.498
15.0
0x02
19.997
14.1
0x03
19.495
13.3
0x04
18.993
12.6
...
...
...
0x27
1.434
1.7
0x28
0.932
1.6
0x29
0.430
1.5
0x2A
-0.071
1.4
0x2B-0x3F
Reserved
Reserved
When a change in digital volume control occurs, the device ramps the volume to the new setting based on
the DVC_SLEW_RATE register bits. If DVC_SLEW_RATE is set to 0x7FFFFF, volume ramp is disabled. This
can be used to speed up start up, shutdown and digital volume changes when volume ramp is handled by the
system host. When volume ramp is disabled, the input audio data stream should be held at digital silence during
shutdown and power up of the device to avoid any clicks and pops.
The device can be put in software based mute by setting DVC_LEVEL to 0x000000 setting.
The digital voltage control registers DVC_LEVEL and DVC_SLEW_RATE registers can be configured using the
PPC3 Software Section 6.4.1.
Table 6-20. Digital Volume Control
DVC_LEVEL[23:0]
VOLUME (dB)
0x000000
Software MUTE
0x00000D (MIN)
-110
...
...
0x400000
0 (default)
...
...
0x7FB261 (MAX)
6
Table 6-21. Digital Volume Ramp Rate
DVC_SLEW_RATE[23:0]
RAMP RATE @ 48kHz (s)
0x00036A
1000ms
...
0x034A51
4ms (default)
...
0x7FFFFF
0 - Ramp disabled
6.4.2.2 High Pass Filter
Excessive DC and low frequency content in audio playback signal can damage loudspeakers. The playback
path employs a high-pass filter (HPF) to prevent this from occurring. The HPF is a 1st order filter and can be
changed from the default 2 Hz for 48ksps fs using the AUDIO_HPF_N0, AUDIO_HPF_N1, AUDIO_HPF_D1
registers. The HPF filter frequency scales with change in the FSYNC clock and can be re-configured to achieve
the required cutoff frequency for different FSYNC clock frequencies. The coefficients can also be changed to
disable the HPF coefficients appropriately. These coefficients should be calculated and set using PPC3 Software
Section 6.4.1.
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com