Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 76 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 72Page - Texas Instruments TAS2120 Datasheet HTML 73Page - Texas Instruments TAS2120 Datasheet HTML 74Page - Texas Instruments TAS2120 Datasheet HTML 75Page - Texas Instruments TAS2120 Datasheet HTML 76Page - Texas Instruments TAS2120 Datasheet HTML 77Page - Texas Instruments TAS2120 Datasheet HTML 78Page - Texas Instruments TAS2120 Datasheet HTML 79Page - Texas Instruments TAS2120 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
Table 7-70. TONE_GEN_CNTRL_02 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_02[2
3:0]
R/W
4D0582h
Addresses 0x58 to 0x5A are combined. Can be configured using the
PPC3 Software.
7.3.9 TONE_GEN_CNTRL_03 Register (Address = 5Ch) [Reset = 002250h]
Return to the Summary Table.
Tone generator Frequency Control register
Table 7-71. TONE_GEN_CNTRL_03 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_03[2
3:0]
R/W
2250h
Addresses 0x5C to 0x5E are combined. Can be configured using the
PPC3 Software.
7.3.10 TONE_GEN_CNTRL_04 Register (Address = 60h) [Reset = 42FC96h]
Return to the Summary Table.
Tone generator Frequency Control register
Table 7-72. TONE_GEN_CNTRL_04 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_04[2
3:0]
R/W
42FC96h
Addresses 0x60 to 0x62 are combined. Can be configured using the
PPC3 Software.
7.3.11 TONE_GEN_CNTRL_05 Register (Address = 64h) [Reset = 000BB8h]
Return to the Summary Table.
Tone generator Frequency Control register
Table 7-73. TONE_GEN_CNTRL_05 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_05[2
3:0]
R/W
BB8h
Addresses 0x64 to 0x66 are combined. Can be configured using the
PPC3 Software.
7.3.12 TONE_GEN_CNTRL_06 Register (Address = 68h) [Reset = 01235Ah]
Return to the Summary Table.
Tone generator amplitude control register
Table 7-74. TONE_GEN_CNTRL_06 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_06[2
3:0]
R/W
1235Ah
Addresses 0x68 to 0x6A are combined. Can be configured using the
PPC3 Software.
7.3.13 CLASSH_TUNING_01 Register (Address = 6Ch) [Reset = 000280h]
Return to the Summary Table.
ClassH Tuning Coefficient
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
76
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com