Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
Standard JEDEC(2)
UNIT
HR-QFN
26 PINS
RθJA
Junction-to-ambient thermal resistance
51.5
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.5
℃/W
RθJB
Junction-to-board thermal resistance
15.3
℃/W
ΨJT
Junction-to-top characterization parameter
0.9
℃/W
ΨJB
Junction-to-board characterization parameter
15.2
℃/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
JEDEC Standard 4 Layer PCB
5.5 Electrical Characteristics
TA = 25°C, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V ( External PVDD mode enabled), VDD = 1.8V,
IOVDD = 1.8V, RL = 8Ω + 33µH, LBOOST(1S Boost mode) = 1µH, Fin = 1kHz, Fs = 48kHz, Gain = 21dBV, BST_ILIM (1S
Boost mode) = 5.1A, BST_ILIM (2S Boost, HW mode) = 4.1A, BST_ILIM (2S Boost, I2C mode) = 5.1A, SDZ=1, Noise gate
disabled, Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to
20kHz un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER PERFORMANCE - INTERNAL BOOST 1S Mode
POUT
Maximum Output Power - 1% THD+N
RL = 8 Ω + 33 µH
6.4
W
RL = 4 Ω + 33 µH
6.6
W
RL = 8 Ω + 33 µH, VBAT = 4.4V
8.0
W
RL = 4 Ω + 33 µH, VBAT = 4.4V
8.2
W
POUT
Maximum Output Power - 10% THD+N
RL = 8 Ω + 33 µH, VBAT = 4.4V
9.5
W
RL = 4 Ω + 33 µH, VBAT = 4.4V
9.8
W
ηSYSTEM_
1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH
86.7
%
RL = 4 Ω + 33 µH
85
%
RL = 8 Ω + 33 µH, VBAT = 4.4V
87.8
%
RL = 4 Ω + 33 µH, VBAT = 4.4V
86.7
%
ηSYSTEM_
MAX_POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH
72.6
%
RL = 4 Ω + 33 µH
71.8
%
RL = 8 Ω + 33 µH, VBAT = 4.4V
76.6
%
RL = 4 Ω + 33 µH, VBAT = 4.4V
76.5
%
VN
Idle channel Noise
A-Weighted, Gain = 6dBV (Receiver
Mode), DAC-Running
4.2
µV
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.4
µV
DNR
Dynamic Range
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH, Gain = 6dBV (Receiver Mode)
113.8
dB
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH, Gain = 21dBV (Speaker Mode)
113.7
dB
THD+N
Total Harmonic distortion + Noise
POUT = 1 W, RL = 8 Ω + 33 µH
0.003
%
POUT = 1 W, RL = 4 Ω + 33 µH
0.004
%
KCP
Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes in/out
of mute, power up and power down, noise
gate mode entry and exit. Measured as
peak A-weighted voltage. RL = 8 Ω + 33
µH, Input = digital silence
–67
dBV
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com