Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments TAS2120 Datasheet HTML 44Page - Texas Instruments TAS2120 Datasheet HTML 45Page - Texas Instruments TAS2120 Datasheet HTML 46Page - Texas Instruments TAS2120 Datasheet HTML 47Page - Texas Instruments TAS2120 Datasheet HTML 48Page - Texas Instruments TAS2120 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
Table 6-41. Supported SBCLK Frequencies (MHz) (48 kHz based sample rates) (continued)
Sample
Rate (kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
128
192
256
384
512
125
250
500
192 kHz
3.027
4.608
6.144
9.216
12.288 18.432 24.576
NA
NA
NA
NA
24
NA
NA
6.4.9.1 Auto clock based wakeup and clock errors
TAS2120 supports flexible operating mode transition from active to shutdown and vice-verse using ASI clock
auto detection feature. When MODE[1:0] is configured as '11' the device toggles between Active and Software
shutdown state based on valid ASI clock signals applied on the ASI input pins, ie BCLK and FSYNC. If no ASI
clocks are detected in this mode, the device remains in software shutdown, with software shutdown mode IQ
on VDD pin, until a valid BCLK and FSYNC clock is detected. Once a valid clock is detected, the device is
powered up in active state until the clocks are valid or device is shutdown using software or hardware shutdown
commands.
The device can detect and raise interrupt flags on detection of incorrect clock configurations based on status of
CLK_ERR_PWR_EN. When this bit is set high, the device monitors for activity on the clock pins and flags any
error using the latched interrupts status register. The device can also raise interrupts using IRQZ pin based on
status of the corresponding interrupt MASK registers. When the error protection bit is enabled, if a clock error is
detected, the device will automatically shutdown with proper shutdown sequencing and minimize any clicks and
pops due to invalid clocks.
When the device is in shutdown state, the clock error detection can be delayed to provide system with time
required to settle the input clocks. This power up delay in clock error detection is controlled using an internal
pre-power up clock error detection timer configured by CLK_HALT_TIMER. If device doesn't detect a valid clock
at the end of the CLK_HALT_TIMER expiry, the Pre-Power-up Clock error is flagged on INT_LTCH4[2] bit, and
corresponding interrupt can be generated on IRQZ pin based on status of INT_MASK4[2] bit. When MODE[1:0]
is configured as '11' (Wake-up on ASI mode), CLK_HALT_TIMER of '000' is not recommended and it stops the
device from entering the software shutdown and increases the VDD IQ while the device is shutdown.
Once the device is powered up, the external and internally generated clocks are constantly monitored based on
status of CLK_ERR_PWR_EN bit. If enabled, any error in external or internal clock is flagged using the clock
error status register INT_LTCH2[3] bit, and corresponding interrupt can be generated on IRQZ pin based on
status of INT_MASK2[3].
For system flexibility, the device will also set the error status for the type of detected clock error. The device
can also be configured to raise an interrupt on IRQZ pin for any specific type of clock error, instead of using
the generic clock error interrupt generation. Table 6-44 below explains the different type of clock errors and
corresponding status bits and interrupt MASK register bits. One or more register bits in the table below can be
set based on the type of clock error detected.
If the device shuts down due to any type of clock error, it can attempt to re-power itself automatically when
MODE[1:0] is set to '11'.
Table 6-42. Clock Error detection control
CLK_ERR_PWR_EN
Setting
0
Disabled
1
Enabled (default)
Table 6-43. Clock Halt Timer
CLK_HALT_TIMER[2:0]
Setting
000
Disabled (infinite time).
001
0.8 ms (default)
010
3.2 ms
011
34.1 ms
100
68.3 ms
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com