Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
TA = 25°C, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V ( External PVDD mode enabled), VDD = 1.8V,
IOVDD = 1.8V, RL = 8Ω + 33µH, LBOOST(1S Boost mode) = 1µH, Fin = 1kHz, Fs = 48kHz, Gain = 21dBV, BST_ILIM (1S
Boost mode) = 5.1A, BST_ILIM (2S Boost, HW mode) = 4.1A, BST_ILIM (2S Boost, I2C mode) = 5.1A, SDZ=1, Noise gate
disabled, Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to
20kHz un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
Amplifier input signal Bandwidth
fs ≥ 96ksps, Gain error < Pass-Band
Ripple
40
kHz
VFS
Full scale equivalent Voltage
Measured at -6dBFS Input, Gain = 6dBV
(Receiver Mode)
2.00
VRMS
AGAIN
Audio channel Gain programmability
range
Gain programmability in steps of 0.5dB
0
21
dBV
AGAIN_ER
R
Amplifier Gain error
POUT = 1W
±0.1
dB
POUT = 0.25W, Gain = 6dBV (Receiver
Mode)
±0.1
dB
VOS
Output Offset Voltage
Idle channel
–1
1
mV
Idle channel, Gain = 6dBV (Receiver
Mode)
–1
1
mV
FPWM
Class-D PWM switching Frequency
Average clock frequency
384
kHz
PSRRVB
AT
VBAT power-supply rejection ratio
VBAT + 200 mVpp, fripple = 217 Hz
118
dB
VBAT + 200 mVpp, fripple = 1 kHz
115
dB
VBAT + 200 mVpp, fripple = 20 kHz
80
dB
PSRRVD
D
VDD power-supply rejection ratio
VDD + 200 mVpp, fripple = 217 Hz
113
dB
VDD + 200 mVpp, fripple = 1 kHz
113
dB
VDD + 200 mVpp, fripple = 20 kHz
91
dB
MUTE_A
TTN
Mute Attenuation
Device is MUTE mode. DAC modulator
running
113
dB
AMPLIFIER PERFORMANCE - INTERNAL BOOST 2S Mode
POUT_BO
OST_2S
Maximum Output Power - 1% THD+N
RL = 8 Ω + 33 µH
10.0
W
RL = 4 Ω + 33 µH
12.8
W
RL = 8 Ω + 33 µH, VBAT2S = 8.4V
10.4
W
RL = 4 Ω + 33 µH, VBAT2S = 8.4V
14.5
W
POUT_BO
OST_2S
Maximum Output Power - 10% THD+N
RL = 8 Ω + 33 µH, VBAT2S = 8.4V
12.6
W
RL = 4 Ω + 33 µH, VBAT2S = 8.4V
17.5
W
ηSYSTEM_
1W_2S
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH
89.9
%
RL = 8 Ω + 33 µH, VBAT2S = 8.4V
89.5
%
RL = 4 Ω + 33 µH
86.2
%
RL = 4 Ω + 33 µH, VBAT2S = 8.4V
85.8
%
ηSYSTEM_
MAX_POUT
_2S
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH
85
%
RL = 8 Ω + 33 µH, VBAT2S= 8.4V
86.5
%
RL = 4 Ω + 33 µH
77.4
%
RL = 4 Ω + 33 µH, VBAT2S = 8.4V
78.0
%
VN_2S
Idle channel Noise
A-Weighted, Gain = 6dBV (Receiver
Mode), DAC-Running
7.0
µV
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.4
µV
DNR_2S Dynamic Range
A-Weighted, -60 dBFS Method, Gain =
6dBV (Receiver Mode)
108.9
dB
A-Weighted, -60 dBFS Method, Gain =
21dBV (Speaker Mode)
114.4
dB
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com