Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 5 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
PVDD
–0.3
19
V
Supply Voltage
VBAT
–0.3
6
V
Supply Voltage Sense
VBAT_SNS
–0.3
12
V
Supply Voltage
VDD
–0.3
2
V
Supply Voltage
IOVDD
–0.3
6
V
Boost Switching Pin
SW
–0.7
19
V
Class-D Output
OUTP, OUTM
–0.7
19
V
High Side Drive Regulator
GREG
–0.3 PVDD + 6
V
Digital Supply Regulator
DREG
–0.3
1.65
V
Digital IO Pins
Digital pins referenced to IOVDD supply
–0.3
6
V
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBAT
Battery Supply
2.5
3.6
5.5
V
VBAT
Battery Supply (2S Mode of operation)
3
3.6
5.5
V
VBAT_SNS
Battery Sense pin voltage
2.5
10
V
VBAT2S
2S Battery Voltage (connected to SW pin through inductor in 2S Mode of
operation)
4.7
7.2
10
V
VPVDD
Amplifier Supply
VBAT
12
15
V
VVDD
Supply Voltage
1.65
1.8
1.95
V
VIOVDD
IO Supply Voltage 1.8V
1.62
1.8
1.98
V
VIOVDD
IO Supply Voltage 3.3V
3.0
3.3
3.6
V
RSPK
Speaker resistance
3.2
8
38.4
Ω
LSPK
Speaker inductance
5
33
100
µH
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
–40
150
°C
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com