Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
TA = 25°C, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V ( External PVDD mode enabled), VDD = 1.8V,
IOVDD = 1.8V, RL = 8Ω + 33µH, LBOOST(1S Boost mode) = 1µH, Fin = 1kHz, Fs = 48kHz, Gain = 21dBV, BST_ILIM (1S
Boost mode) = 5.1A, BST_ILIM (2S Boost, HW mode) = 4.1A, BST_ILIM (2S Boost, I2C mode) = 5.1A, SDZ=1, Noise gate
disabled, Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to
20kHz un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Channel Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
dB
Audio Channel Group Delay
Fin = 1kHz, Lowest latency mode (Y-
bridge, Class-H, Noise Gate disabled)
8.5
1/fs
Fin = 1kHz, Class-H disabled
16.5
1/fs
Fin = 1kHz, Class-H enabled
31.5
1/fs
DC to 20kHz, Lowest latency mode (HPF
bypassed, Y-bridge, Class-H, Noise Gate
disabled)
13
1/fs
DC to 20kHz, HPF bypassed, Class-H
disabled
21
1/fs
DC to 20kHz, HPF bypassed, Class-H
enabled
37
1/fs
PCM Playback Characteristics to fs > 48 kHz
Fs
Sample Rates
88.2
192
kHz
Audio Channel Passband LPF Corner
fs = 96 kHz
0.469
fs
fs = 192 kHz
0.234
fs
Audio Channel Passband Ripple
20 Hz to LPF cutoff
± 0.2
dB
Audio Channel Stop Band Attenuation
fs = 96 kHz, fin ≥ 0.55 fs
60
dB
fs = 96 kHz, fin ≥ 1 fs
65
dB
fs = 192 kHz, 0.55 fs ≥ fin ≥ 0.275 fs
60
dB
Audio Channel Group Delay
Fin = 1kHz, Fs = 96kHz, Lowest latency
mode (Y-bridge, Class-H, Noise Gate
disabled)
11
1/fs
Fin = 1kHz, Fs = 96kHz, Class-H disabled
6.7
1/fs
Fin = 1kHz, Fs = 96kHz, Class-H enabled
56.7
1/fs
DC to 20kHz, Fs = 96kHz, Lowest latency
mode (HPF bypassed, Y-bridge, Class-H,
Noise Gate disabled)
11.5
1/fs
DC to 40kHz, Fs=96kHz, HPF bypassed,
Class-H disabled
28.6
1/fs
DC to 40kHz, Fs=192 kHz, HPF
bypassed, Class-H enabled
117.8
1/fs
Protection Circuits
Thermal shutdown temperature
140
°C
Thermal shutdown retry time
1.5
s
VBAT undervoltage lockout threshold
(UVLO)
UVLO is asserted
1.9
V
UVLO is released
2.3
V
VDD undervoltage lockout threshold
(UVLO)
UVLO is asserted
1.4
V
UVLO is released
1.6
V
PVDD undervoltage lockout threshold
(UVLO)
UVLO is asserted, external PVDD mode
only
2.6
V
UVLO is released, external PVDD mode
only
2.8
V
PVDD overvoltage lockout threshold
(OVLO)
OVLO is asserted, OVLO protection
enabled.
16
V
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com