Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
left justify the audio sample within the time slot by default, but this can be changed to right justification via the
RX_JUSTIFY register bit. The device supports mono and stereo down mix playback ([L+R]/2). By default the
device will playback mono from the time slot equal to the I2C base address offset (set by the AD1 and AD2 pins)
for playback. The RX_SCFG[1:0] register bits can be used to override the playback source to the left time slot,
right time slot or stereo down mix set by the RX_SLOT_R[3:0] and RX_SLOT_L[3:0] register bits.
If time slot selection places reception either partially or fully beyond the frame boundary, the receiver returns a
null sample equivalent to a digitally muted sample.
The TDM port can transmit a number of sample streams on the SDOUT pin including interrupts and status,
PVDD voltage, VBAT voltage and die temperature.
Either the rising or falling edge of SBCLK can be used to transmit data on the SDOUT pin. This can be
configured by setting the TX_EDGE register bit. The TX_OFFSET[2:0] register bits define the number SBCLK
cycles between the start of a frame and the beginning of time slot 0. This is programmed to 0 for Left Justified
format and 1 for I2S format. The TDM TX can either transmit logic 0 or Hi-Z depending on the setting of the
TX_FILL register bit. An optional bus keeper can weakly hold the state of SDOUT pin when all devices are
driving Hi-Z. Since only one bus keeper is required on SDOUT, this feature can be disabled via the TX_KEEPEN
register bit. The bus keeper can be configured to hold the bus for only 1 LSB or Always (permanent) using
TX_KEEPLN register bit. Additionally, the keeper LSB can be driven for a full cycle or half of cycle using
TX_KEEPCY register bit.
The device also support monitoring and TDM transmit of input supply voltages. For PVDD slot, enable and
length settings PVDD_SLOT[5:0], PVDD_TX and PVDD_SLEN register bits can be use. Similarly for VBAT
slot, enable and length settings VBAT_SLOT[5:0], VBAT_TX and VBAT_SLEN register bits can be used.
Die temperature can also be transmitted from the device in same manner. Enable and slot settings for Die
temperature are done using TEMP_TX and TEMP_SLOT [5:0] register bits.
Information about status of slots can be found in STATUS_SLOT[5:0] register bits. STATUS_TX register bit set
high enables the status transmit. If time slot selections place transmission beyond the frame boundary, the
transmitter will truncate transmission at the frame boundary.
Table 6-30. Status Bits transmitted
Status Slot bit location
Status signal
Bit 0
PVDD UVLO status bit
Bit 1
Over current protection status bit
Bit 2
Over temperature protection
status bit
Bit 3
Brown out protection active status
bit
Bit 4
Limiter active status bit
Bit 5
Noise gate mode status bit
Bit 6
Y-bridge status bit. 1 = PVDD
switching, 0 = VDD switching
Bit 7
Device Active status bit
6.4.3.1 Digital Loopback
The device supports loop back feature to loop SDIN data to SDOUT at two levels. When this feature is enabled
through TDM_LOOPBACK register bit, loop back is done at the IO Pin level without any ASI data decoding
within the device. Other option is to enable the loop back feature through TDM_DESER_LOOPBACK register
bit in which case SDIN data first goes through ASI protocol decoding within the device and then sent back via
SDOUT. These SDIN to SDOUT loop back options can be useful for board level debug of an audio system.
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com