Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
TA = 25°C, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V ( External PVDD mode enabled), VDD = 1.8V,
IOVDD = 1.8V, RL = 8Ω + 33µH, LBOOST(1S Boost mode) = 1µH, Fin = 1kHz, Fs = 48kHz, Gain = 21dBV, BST_ILIM (1S
Boost mode) = 5.1A, BST_ILIM (2S Boost, HW mode) = 4.1A, BST_ILIM (2S Boost, I2C mode) = 5.1A, SDZ=1, Noise gate
disabled, Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to
20kHz un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N_
2S
Total Harmonic distortion + Noise
POUT = 1 W, RL = 8 Ω + 33 µH, fin = 1 kHz
0.003
%
POUT = 1 W, RL = 4 Ω + 33 µH, fin = 1 kHz
0.003
%
POUT = 0.25 W, RL = 8 Ω + 33 µH, fin =
1 kHz, Gain = 6dBV (Receiver Mode)
0.005
%
KCP_2S
Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes In/Out
of Mute, Power Up and power Down,
Noise Gate mode entry and Exit.
Measured at Peak A-weighted Voltage.
RL = 8 Ω + 33 µH, Input = Digital silence.
–68
dBV
PSRRVB
AT2S
VBAT2S power-supply rejection ratio
VBAT2S = 7.2 V + 200 mVpp, fripple =
217 Hz
115
dB
VBAT2S = 7.2 V + 200 mVpp, fripple = 1
kHz
115
dB
VBAT2S = 7.2 V + 200 mVpp, fripple = 20
kHz
90
dB
PSRRVB
AT_2S
VBAT power-supply rejection ratio
VBAT = 3.6 V + 200 mVpp, fripple = 217 Hz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 1 kHz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 20 kHz
90
dB
PSRRVD
D_2S
VDD power-supply rejection ratio
VDD = 1.8 V + 200 mVpp, fripple = 217 Hz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 1 kHz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 20 kHz
90
dB
AMPLIFIER PERFORMANCE - EXTERNAL PVDD Mode
POUT_EXT
_PVDD
Maximum Output Power - 1% THD+N
RL = 8 Ω + 33 µH
8.2
W
RL = 4 Ω + 33 µH
14.6
W
RL = 8 Ω + 33 µH, PVDD = 15V
11.2
W
RL = 4 Ω + 33 µH, PVDD = 15V
19
W
POUT_EXT
_PVDD
Maximum Output Power - 10% THD+N
RL = 8 Ω + 33 µH
10.3
W
RL = 4 Ω + 33 µH
18.0
W
ηSYSTEM_
_EXT_1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH
88.1
%
RL = 4 Ω + 33 µH
84.2
%
ηSYSTEM_
EXT_MAX_
POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH
93.2
%
RL = 4 Ω + 33 µH
88.5
%
VN_EXT
Idle channel Noise
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.2
µV
DNR_EX
T
Dynamic Range
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH
114.4
dB
THD+N_
EXT
Total Harmonic distortion + Noise
POUT = 1 W, RL = 8 Ω + 33 µH
0.003
%
POUT = 1 W, RL = 4 Ω + 33 µH
0.004
%
KCP_EXT Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes In/Out
of Mute, Power Up and power Down,
Noise Gate mode entry and Exit.
Measured at Peak A-weighted Voltage.
RL = 8 Ω + 33 µH, Input = Digital Silence
–68
dBV
VOS_EX
T
Output Offset Voltage
Idle channel
–1
1
mV
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com