Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
timer is enabled. If the signal level remains below the configured YBRIDGE_HYST_TIMER[1:0] for the entire
duration of the selected time, the device enters into the lower voltage VDD supply-based PWM switching mode.
When the signal level increases above the VDD_MODE_THR_LVL[23:0] plus VDD_MODE_HYST[23:0], the
device starts switching the output PWM signal on PVDD supply without introducing any signal clipping.
The VDD_MODE_THR_LVL[23:0] and VDD_MODE_HYST[23:0] registers can be configured using the PPC3
Software Section 6.4.1.
Table 6-11. VDD Y-bridge hysteresis timer
YBRIDGE_HYST_TIMER[1:0]
Configuration
00
100us
01 (default)
500us
10
5ms
11
50ms
Table 6-12. VDD Y-bridge enable
EN_Y_BRIDGE_MODE
Configuration
0
Y-bridge mode is disabled
1 (default)
Y-bridge mode is enabled
6.3.1.4.4 Class-H Boost
TAS2120 has an advanced class-H algorithm to control the integrated Boost. The class-H algorithm enables
Boost supply to closely track audio signal levels and achieve high system level efficiency for extending battery
life. Class-H mode is enabled using the BST_MODE[1:0] register.
The class-H algorithm buffers the input signal to enable sufficient look-ahead time required to charge the Boost
output capacitor and avoid any signal clipping. The algorithm monitors the input signal level and uses system-
level parameters configured in PPC3 software like Boost output voltage, Boost output capacitor, channel gain,
and so forth. and computes the most optimum class-H tuning parameters. These tuning parameter registers are
then calculated in the PPC3 software and configured in the corresponding CLASSH_TUNING_x[23:0] registers.
When the BST_MODE[1:0] is configured to use the device in Class-G mode or Boost always-ON mode, the max
inrush current from the battery can be controlled by setting the Inrush current parameter in PPC3 software. The
software generates the required coefficients in the CLASSH_TUNING_x[23:0] register based on the system level
parameters configured like Boost output capacitor, Inrush current required, and so forth.
6.3.1.5 2S Battery Mode
TAS2120 can be configured to function for different battery systems like single series cell (1S) Li-ion battery
(2.5V to 5.5V) or 2-series cell (2S) series cell battery (4.7V to 10V). When the 2S battery is selected for the
device, the diagram below shows the conceptual connections in the system to connect the 2S battery. When
selected for 2S battery operation, the VBAT pin of the device is used for biasing internal blocks and needs to be
supplied from external power source between 3.0V to 5.5V.
Device
VBAT2S
SW
VBAT_SNS
VBAT
VDD_5V
3.0V – 5.5V
Figure 6-2. 2S Battery Mode System Configuration
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com