Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 80 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 76Page - Texas Instruments TAS2120 Datasheet HTML 77Page - Texas Instruments TAS2120 Datasheet HTML 78Page - Texas Instruments TAS2120 Datasheet HTML 79Page - Texas Instruments TAS2120 Datasheet HTML 80Page - Texas Instruments TAS2120 Datasheet HTML 81Page - Texas Instruments TAS2120 Datasheet HTML 82Page - Texas Instruments TAS2120 Datasheet HTML 83Page - Texas Instruments TAS2120 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
Table 7-88. BOOST_TUNING_05 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOOST_TUNING_05[23:0
]
R/W
FFF8B2h
Addresses 0x20 to 0x22 are combined. Can be configured using the
PPC3 Software.
7.4.9 BOOST_TUNING_06 Register (Address = 24h) [Reset = 000466h]
Return to the Summary Table.
Boost Performance tuning register
Table 7-89. BOOST_TUNING_06 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOOST_TUNING_06[23:0
]
R/W
466h
Addresses 0x24 to 0x26 are combined. Can be configured using the
PPC3 Software.
7.4.10 BOOST_TUNING_07 Register (Address = 28h) [Reset = 080000h]
Return to the Summary Table.
Boost Performance tuning register
Table 7-90. BOOST_TUNING_07 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOOST_TUNING_07[23:0
]
R/W
80000h
Addresses 0x28 to 0x2A are combined. Can be configured using the
PPC3 Software.
7.4.11 BOOST_TUNING_08 Register (Address = 2Ch) [Reset = 001400h]
Return to the Summary Table.
Boost Performance tuning register
Table 7-91. BOOST_TUNING_08 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOOST_TUNING_08[23:0
]
R/W
1400h
Addresses 0x2C to 0x2E are combined. Can be configured using the
PPC3 Software.
7.4.12 BOOST_TUNING_09 Register (Address = 30h) [Reset = 000000h]
Return to the Summary Table.
Boost Performance tuning register
Table 7-92. BOOST_TUNING_09 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOOST_TUNING_09[23:0
]
R/W
0h
Addresses 0x30 to 0x32 are combined. Can be configured using the
PPC3 Software.
7.4.13 BOOST_TUNING_10 Register (Address = 34h) [Reset = 000000h]
Return to the Summary Table.
Boost Performance tuning register
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com