Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2120 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
TA = 25°C, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V ( External PVDD mode enabled), VDD = 1.8V,
IOVDD = 1.8V, RL = 8Ω + 33µH, LBOOST(1S Boost mode) = 1µH, Fin = 1kHz, Fs = 48kHz, Gain = 21dBV, BST_ILIM (1S
Boost mode) = 5.1A, BST_ILIM (2S Boost, HW mode) = 4.1A, BST_ILIM (2S Boost, I2C mode) = 5.1A, SDZ=1, Noise gate
disabled, Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to
20kHz un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power up/down Time
TSTDBY
Turn ON time from SDZ Asserted to
device ready for i2c Command
300
us
TACTIVE
Turn ON time from release of Software
Shutdown to Amplifier output Active
Volume ramping disabled
1.6
ms
Volume ramping enabled
3.9
ms
TTURNOFF
Turn OFF time from assertion of Software
Shutdown to Amplifier output Hi-Z
Volume ramping disabled
0.2
ms
Volume ramping enabled
13.9
ms
Current Consumption - Internal Boost Mode(1)
IQ_HW_SD
Current consumption in Hardware
Shutdown
VBAT, SDZ=0
0.1
uA
VDD, SDZ=0
0.2
uA
IOVDD, SDZ=0
0.1
uA
IQ_SW_SD
Current consumption in Software
Shutdown
VBAT, All clocks Stopped
0.1
uA
VDD, All clocks Stopped
12
uA
IOVDD, All clocks Stopped
0.1
uA
IQ_NG
Current consumption in Idle channel
VBAT, POUT = 0, Noise Gate enabled
0.19
mA
VDD, POUT = 0, Noise Gate enabled
2.3
mA
IOVDD, POUT = 0, Noise Gate enabled
0.1
mA
Total Power, POUT = 0, Noise Gate
enabled
4.8
mW
IQ_IDLE
Current consumption in Idle channel
VBAT, POUT = 0, Noise gate disabled
0.62
mA
VDD, POUT = 0, Noise gate disabled
6
mA
IOVDD, POUT = 0, Noise gate disabled
0.1
mA
Total Power, POUT = 0, Noise gate
disabled
13.1
mW
Current Consumption - Internal Boost Mode 2S Mode(1)
IQ_HW_SD
Current consumption in Hardware
Shutdown
VBAT, SDZ=0
0.1
uA
VBAT2S, SDZ=0
0.1
uA
VDD, SDZ=0
0.2
uA
IOVDD, SDZ=0
0.1
uA
IQ_SW_SD
Current consumption in Software
Shutdown
VBAT, All clocks Stopped
0.1
uA
VBAT2S, All clocks Stopped
0.1
uA
VDD, All clocks Stopped
12
uA
IOVDD, All clocks Stopped
0.1
uA
IQ_NG
Current consumption in Idle channel
VBAT, POUT = 0, Noise gate enabled
0.2
mA
VBAT2S, POUT = 0, Noise gate enabled
0.1
mA
VDD, POUT = 0, Noise gate enabled
2.3
mA
IOVDD, POUT = 0, Noise gate enabled
0.1
mA
Total Power, POUT = 0, Noise gate
enabled
5.1
mW
www.ti.com
TAS2120
SLASFC6A – AUGUST 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com