Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 12Page - Monolithic Power Systems MP3924 Datasheet HTML 13Page - Monolithic Power Systems MP3924 Datasheet HTML 14Page - Monolithic Power Systems MP3924 Datasheet HTML 15Page - Monolithic Power Systems MP3924 Datasheet HTML 16Page - Monolithic Power Systems MP3924 Datasheet HTML 17Page - Monolithic Power Systems MP3924 Datasheet HTML 18Page - Monolithic Power Systems MP3924 Datasheet HTML 19Page - Monolithic Power Systems MP3924 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
16
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 54V, set with a Class 4 PD load, TA = 25°C, unless otherwise noted.
Shutdown through VIN
Class 4 PD connection
Start-Up through EN
No PD connection
R1: VIN
50V/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
R1: VEN
2V/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
400ms/div.
400ms/div.
Start-Up through EN
Class 4 PD connection
Shutdown through EN
No PD connection
R1: VEN
2V/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
R1: VEN
2V/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
400ms/div.
400ms/div.
Shutdown through EN
Class 4 PD connection
PMAX Limit Triggered (10)
R1: VEN
2V/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
R1: IIN
500mA/div.
CH4: OUT4
50V/div.
CH3: OUT3
50V/div.
CH2: OUT2
50V/div.
CH1: OUT1
50V/div.
400ms/div.
400ms/div.
Note:
10) The maximum power (PMAX) is set to 50W. If the load’s power exceeds 50W, port 4 shuts down with default priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com