Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems MP3924 Datasheet HTML 10Page - Monolithic Power Systems MP3924 Datasheet HTML 11Page - Monolithic Power Systems MP3924 Datasheet HTML 12Page - Monolithic Power Systems MP3924 Datasheet HTML 13Page - Monolithic Power Systems MP3924 Datasheet HTML 14Page - Monolithic Power Systems MP3924 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
11
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 54V, PGND, DGND, SGND1, and SGND2 are connected together, RSENSE = 0.25Ω,
TJ = -40°C to +125°C (6), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Logic Interface (SCL, SDAI, SDAO, INT1, INT2, MID, A0, A1, A2, A3, AUTO, CLS5)
Input logic low voltage
VLI
0.4
V
Input logic high voltage
VHI
2
V
Logic input current
For SCL, SDAI
-1
+1
µA
Open-drain output logic low
voltage
VLO
Sink current = 3mA,
SDAO, INT1, INT2
0.4
V
Open-drain output logic high
leakage
Open drain to 3.3V
1
µA
Internal pull-up/down
Resistance
RUP
A0, A1, A2, A3, AUTO, MID
to VCC, CLS5 to DGND
50
kΩ
Notes:
6) Guaranteed by over-temperature correlation.
7) Guaranteed by engineering sample characterization.
8) If CLS5 is enabled, the MP3924 treats the classification current range from the upper of class 4 to the classification current limit as class 5.
9) Guaranteed by detection time, classification time, and start-up delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com