Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 25Page - Monolithic Power Systems MP3924 Datasheet HTML 26Page - Monolithic Power Systems MP3924 Datasheet HTML 27Page - Monolithic Power Systems MP3924 Datasheet HTML 28Page - Monolithic Power Systems MP3924 Datasheet HTML 29Page - Monolithic Power Systems MP3924 Datasheet HTML 30Page - Monolithic Power Systems MP3924 Datasheet HTML 31Page - Monolithic Power Systems MP3924 Datasheet HTML 32Page - Monolithic Power Systems MP3924 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
29
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Watchdog
The MP3924 implements a watchdog to monitor
the SCL line for I2C activity. If there is no
transition on the SCL line for about 2.5s during
I2C communication, then the I2C port and all
power output ports shut down. The WDS bit is
set to 1 to indicate the error condition. WDS
must be reset before any port can be re-
enabled. After watchdog protection is triggered,
the port shuts down until the host re-enables
the ENx bits.
By default, the watchdog is off after start-up. To
enable the watchdog function, set the WDEN bit
to 1.
Over-Temperature Protection (OTP)
Over-temperature
protection
(OTP)
is
implemented to prevent the chip from thermal
runaway.
When
the
junction
temperature
exceeds its upper threshold, the MP3924 shuts
down all ports (the I2C and registers still work).
Once the temperature drops below its recovery
threshold, the ports are enabled again with a
new detection cycle. The OTP bit is set to 1
after OTP recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com