Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 24Page - Monolithic Power Systems MP3924 Datasheet HTML 25Page - Monolithic Power Systems MP3924 Datasheet HTML 26Page - Monolithic Power Systems MP3924 Datasheet HTML 27Page - Monolithic Power Systems MP3924 Datasheet HTML 28Page - Monolithic Power Systems MP3924 Datasheet HTML 29Page - Monolithic Power Systems MP3924 Datasheet HTML 30Page - Monolithic Power Systems MP3924 Datasheet HTML 31Page - Monolithic Power Systems MP3924 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
28
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
the acknowledgement clock pulse. The receiver
must pull down the SDA line during the
acknowledge clock pulse so that it remains low
during the high period of this clock pulse.
Figure 17 shows the data transfer sequence.
After the start condition (S), a slave address is
sent. This address is 7 bits long followed by an
8th data direction bit (R/W). A 0 indicates a
transmission (write), while a 1 indicates a
request for data (read). A data transfer is
always terminated by a stop condition (P)
generated by the master. However, if a master
must communicate on the bus, it can generate
a repeated start condition (Sr) and address
another slave without first generating a stop
condition.
Start
Condition
Stop
Condition
Address
Data
Data
Figure 17: Complete Data Transfer
The MP3924 includes a full I2C slave controller.
The
I2C
slave
fully
complies
with
I2C
specification requirements. It requires a start
condition, a valid I2C address, a register
address byte, and a data byte for a single data
update. The MP3924 acknowledges that it has
received each byte by pulling the SDA line low
during the high period of a single clock pulse. A
valid I2C address selects the MP3924. The
MP3924 performs an update on the falling edge
of the LSB byte.
Figure
18
shows
an
I2C
write
example.
S
Slave Address
Wr
A
Register Address K
Write Data
A
A
P
8 Bits
8 Bits
8 Bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
Write (Wr) = 0
Read (Rd) = 1
Figure 18: I2C Write Example
Figure 19 shows an I2C write example.
S
Slave Address
Wr
A
Register Address K
Read Data K
A
A
P
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
8 Bits
8 Bits
8 Bits
Sr
Slave Address
Rd
NA
8 Bits
Write (Wr) = 0
Read (Rd) = 1
Register address to read specified
Read register data from current register location
Sr = Repeat
Start Condition
Figure 19: I2C Read Example
Figure 20 shows that the 0x00C address has a different read command from the standard I2C.
S
0x0C
Rd
A
Interrupted Device Address
P
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
8 Bits
8 Bits
NA
Write (Wr) = 0
Read (Rd) = 1
Read device address data by alert response address
Sr = Repeat
Start Condition
Figure 20: 0x0C Read Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com