Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 45 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 45 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 41Page - Monolithic Power Systems MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems MP3924 Datasheet HTML 46Page - Monolithic Power Systems MP3924 Datasheet HTML 47Page - Monolithic Power Systems MP3924 Datasheet HTML 48Page - Monolithic Power Systems MP3924 Datasheet HTML 49Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
45
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
CURRENT_LIMIT_STATUS (2Fh and 30h)
(2Fh) Read-only
(30h) Read and clear
Bits
Bit Name
Default Value
Description
D[7:4]
RESERVED
-
Reserved.
D[3]
OLIM4
0
Indicates whether a hardware current limit has been triggered on the ports. These
bits are set to 1 if a current limit is triggered on a corresponding port.
D[2]
OLIM3
0
D[1]
OLIM2
0
D[0]
OLIM1
0
DISCONNECT_STATUS (31h and 32h)
(31h) Read-only
(32h) Read and clear
Bits
Bit Name
Default Value
Description
D[7:5]
RESERVED
-
Reserved.
D[3]
DCDIS4
0
Indicates whether a disconnected DC load event has occurred on the ports.
These bits are set to 1 if a disconnected DC load event occurs on the
corresponding port.
D[2]
DCDIS3
0
D[1]
DCDIS2
0
D[0]
DCDIS1
0
WATCHDOG_STATUS (33h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:1]
RESERVED
-
Reserved.
D[0]
WDS
0
Indicates the watchdog status. This bit is set to 0 if the watchdog times out
without an active CLK signal.
PIN_STATUS (34h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:5]
RESERVED
-
Reserved.
D[4]
AUTO
A
Returns the AUTO pin
’s status during start-up. “A” is “1” if the AUTO pin is set
high during start-
up or a reset. “A” is “0” if the AUTO pin is set low. This bit is set
to 1 if the AUTO pin is pulled high.
D[3]
A4A3
D
Returns the A3~A0 pin
s’ statuses during start-up. “D” is “1” if the corresponding
pin is set high during start-
up or a reset. “D” is “0” if the corresponding pin is set
low.
These bits are set to 1 if the corresponding pin’s voltage is high.
D[2]
A3A2
D
D[1]
A2A1
D
D[0]
A1A0
D
LEGACY_DETECT_RESULT1 (35h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:4]
LEGDET2
0000
Returns the legacy detection results for port 2.
0000: No legacy detection
0001: Valid (5µF < PD input capacitor < 100µF)
0010: Unable to discharge the PD input capacitance to 2.4V
0100: The first measurement exceeds the 18.5V maximum voltage
0101: The second measurement exceeds the 18.5V maximum voltage
0110: The difference between the measured voltages is below 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com