Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 31Page - Monolithic Power Systems MP3924 Datasheet HTML 32Page - Monolithic Power Systems MP3924 Datasheet HTML 33Page - Monolithic Power Systems MP3924 Datasheet HTML 34Page - Monolithic Power Systems MP3924 Datasheet HTML 35Page - Monolithic Power Systems MP3924 Datasheet HTML 36Page - Monolithic Power Systems MP3924 Datasheet HTML 37Page - Monolithic Power Systems MP3924 Datasheet HTML 38Page - Monolithic Power Systems MP3924 Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
35
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
“A” is “1” if the AUTO pin is set high during start-up or a reset. “A” is “0” if the AUTO pin is set low. In
automatic and semi-automatic mode, the detection and classification processes are enabled when the
bit is set to 1. In manual made, set the bit to 1 for one-time detection or classification. Then the bit is
reset to 0.
DISCONNECT_ENABLE (07h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:4]
RESERVED
-
Reserved.
D[3]
DISEN4
A
Enables DC load disconnection for ports 1 through 4.
“A” is 1 if the AUTO pin is
set high during start-
up or a reset. “A” is 0 if the AUTO pin is set low. If these bits
are set to 1, the DC load disconnection function is enabled on the corresponding
port.
D[2]
DISEN3
A
D[1]
DISEN2
A
D[0]
DISEN1
A
FAULT_TIMER (08h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:6]
TPMAX
10
Sets the total power overload timer after start-up.
00: 15ms
01: 30ms
10: 60ms
11: 120ms
D[5:4]
TINRUSH
10
Sets the start-up inrush current timer for all ports.
00: 15ms
01: 30ms
10: 60ms
11: 120ms
D[3:2]
TILIM
11
Sets the current limit trigger timer after start-up for all ports.
00: 7.5ms
01: 15ms
10: 30ms
11: 60ms
D[1:0]
TCUT
10
Set the over-current (OC) timer after start-up for all ports.
00: 15ms
01: 30ms
10: 60ms
11: 120ms
The timer begins counting up after a load triggers the threshold. If the current drops below the
threshold, the timer begins counting down at 1/16 of the rising rate. If it times out, the port shuts down.
The port cannot be redetected once the timer counts down to 0.
FOLDBACK_ILIM (0Bh)
Read/write
Bits
Bit Name
Default Value
Description
D[7:1]
RESERVED
-
Reserved.
D[0]
FBLIMT
1
Sets the foldback over-current (OC) threshold when the OUTx pin exceeds 46V.
0: The foldback current limit is 22mV (88mA if RSENSE
= 0.25Ω).
1: The foldback current limit is 40mV (160mA RSENSE
= 0.25Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com