Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3924 Datasheet HTML 1Page - Monolithic Power Systems MP3924 Datasheet HTML 2Page - Monolithic Power Systems MP3924 Datasheet HTML 3Page - Monolithic Power Systems MP3924 Datasheet HTML 4Page - Monolithic Power Systems MP3924 Datasheet HTML 5Page - Monolithic Power Systems MP3924 Datasheet HTML 6Page - Monolithic Power Systems MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
4
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GATE1
MOSFET gate driver for port 1. Float the GATE1 pin if not used.
2
OUT1
Output voltage sense pin for port 1. Connect OUT1 to the output interface return for
detecting, classifying, voltage sensing, and current limit foldback control. Float the OUT1
pin if not used.
3
INT2
High-priority interrupt request pin. INT2 pulls low when the selected high-priority
interrupt source register is set and the interrupt is enabled. INT2 is an open-drain output.
Connect INT2 to DGND if the interrupt function is not used.
4
SGND1
Current sense negative input for port 1 and port 2. Connect SGND1 to the low-side
terminal of the sense resistor. For an accurate current sense, use a Kelvin connection
when connecting SGND1 to the PCB. Connect SGND1 to DGND if not used.
5
CLS5
Class 5 enable input. CLS5 is internally pulled down to DGND through a
50kΩ resistor.
Leave CLS5 disconnected to disable the classification for Class 5 devices (IEEE 802.3at-
compliant mode). Connect CLS5 to VCC to enable the classification of Class 5 devices.
CLS5
’s status is latched when the device starts up, or after a reset condition. If CLS5’s
status changes after start-up, there is no effect.
6
AUTO
Automatic mode setting pin. AUTO is internally pulled up to VCC through a
50kΩ resistor
(an external 10k
Ω resistor can be added). Float the AUTO pin to make automatic mode the
default. Connect the AUTO pin to DGND to make shutdown mode the default.
AUTO’s
status is latched when the device starts up, or after a reset condition. If AUTO
’s status
changes after start-up, there is no effect.
7
MID
Midspan mode setting. MID is internally pulled up to VCC through a 50k
Ω resistor (an
external 10kΩ resistor can be added). Float the MID pin for midspan mode, then wait 2.8s
to reinitiate detection. Connect the MID pin to DGND to disable midspan mode. MID
’s
status is latched when the device starts up, or after a reset condition. If MID
’s status
changes after start-up, there is no effect.
8
INT1
Interrupt request pin for all interrupt source events. INT1 pulls low when the interrupt
register is set and the interrupt function is enabled. INT1 is an open-drain output. Connect
INT1 to DGND if the interrupt function is not used.
9
SCL
I2C clock input pin. Connect SCL to VCC using an external pull-up resistor (typically
4.7k
Ω). Connect SCL to VCC if the I2C interface is not used.
10
SDAO
I2C serial data output pin. SDAO is an open-drain output. Connect SDAO to VCC using
an external pull-up resistor (typically 4.7k
Ω). Connect SDAO to SDAI for non-isolated
applications. Connect SDAO to DGND if the I2C interface is not used.
11
SDAI
I2C serial data input pin. Connect SDAI to VCC using an external pull-up resistor
(typically 4.7k
Ω). Connect SDAI to SDAO for non-isolated applications. Connect SDAI to
DGND if the I2C interface is not used.
12
EN
Enable input. EN turns all internal circuits and four ports (except the VCC regulator) on
and off. To turn on the device automatically, externally connect EN to VCC.
13
A0
MP3924 address setting pin. Connect A0 to VCC or DGND to set the lower 4-bit address
bits (address = 010 A3 A2 A1 A0). The address signal is latched when the device starts up
or is reset. A0 is internally pulled up to VCC through a 50k
Ω resistor (an external 10kΩ
resistor can also be added).
14
A1
MP3924 address setting pin. Connect A1 to VCC or DGND to set the lower 4-bit address
bits (Address = 010 A3 A2 A1 A0). The address signal is latched when the device starts up
or is reset A1 is internally pulled up to VCC through a 50k
Ω resistor (an external 10kΩ
resistor can also be added).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com