Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 37Page - Monolithic Power Systems MP3924 Datasheet HTML 38Page - Monolithic Power Systems MP3924 Datasheet HTML 39Page - Monolithic Power Systems MP3924 Datasheet HTML 40Page - Monolithic Power Systems MP3924 Datasheet HTML 41Page - Monolithic Power Systems MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
41
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
STATUS REGISTERS
POWER_SOURCE_STATUS1 (20h and 21h)
(20h) Read-only
(21h) Read and clear
Bits
Bit Name
Default Value
Description
D[7]
FETF4
0
Indicates whether an external power MOSFET failure has occurred. This bit is set
to 1 if the external MOSFET on the corresponding port has failed. If this occurs, the
current limit cannot be reached, or the OUTx pin is high after start-up.
D[6]
FETF3
0
D[5]
FETF2
0
D[4]
FETF1
0
D[3]
VCCUV
1
Indicates whether a VCC under-voltage condition has occurred. This bit is set to 1
if VCC has recovered from a shutdown or reset condition.
D[2]
OTP
0
Indicates whether an over-temperature (OT) condition has occurred. This bit is set
to 1 if the junction temperature exceeds 150°C. For more details, see the Over-
Temperature Protection (OTP) section on page 28.
D[1]
VINOV
0
Indicates whether a VIN over-voltage (OV) condition has occurred. This bit is set to
1 if VIN exceeds 65V.
D[0]
VINUV
1
Indicates whether a VIN under-voltage (UV) condition has occurred. This bit is set
to 1 if VIN drops below 29.5V.
Read and Clear (0x21h) means that the bit is reset after a read operation. If read on 0x20h, the bits are not
cleared.
POWER_SOURCE_STATUS2 (22h and 23h)
(22h) Read-only
(23h) Read and clear
Bits
Bit Name
Default Value
Description
D[7:2]
RESERVED
-
Reserved.
D[1]
VINOK
0
Indicates whether the VIN source power is working normally. This bit is set to 1 if
VIN exceeds 40V.
D[0]
OVPMAX
0
Indicates whether a power overload condition has occurred. This bit is set to 1 if
the total power load on all ports exceeds the PMAX threshold set by the PMAX pin.
DET/CLS_COMPLETE_STATUS (24h and 25h)
(24h) Read-only
(25h) Read and clear
Bits
Bit Name
Default Value
Description
D[7]
CLSC4
0
Indicates whether a port has completed its classification process. These bits are
set to 1 if classification has completed on the corresponding bit.
D[6]
CLSC3
0
D[5]
CLSC2
0
D[4]
CLSC1
0
D[3]
DETC4
0
Indicates whether a port has completed its detection process. These bits are set to
1 if detection has completed on the corresponding bit.
D[2]
DETC3
0
D[1]
DETC2
0
D[0]
DETC1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com