Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 21Page - Monolithic Power Systems MP3924 Datasheet HTML 22Page - Monolithic Power Systems MP3924 Datasheet HTML 23Page - Monolithic Power Systems MP3924 Datasheet HTML 24Page - Monolithic Power Systems MP3924 Datasheet HTML 25Page - Monolithic Power Systems MP3924 Datasheet HTML 26Page - Monolithic Power Systems MP3924 Datasheet HTML 27Page - Monolithic Power Systems MP3924 Datasheet HTML 28Page - Monolithic Power Systems MP3924 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
25
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
the PD input voltage is high, a 250ms discharge
timer works with a 100k
Ω load between the
OUTx pin and VIN. If the PD input exceeds
2.4V, a secondary 500ms discharge timer
begins. If the PD input voltage does not fall
below 2.4V after the two discharge times, then
the
MP3924
is
set
to
0010
in
the
LEGACY_DETECT_RESULTx registers.
After legacy detection starts, a fixed current is
charged to the PD input. The voltage difference
between two points is used to calculate the
effective capacitance.
If
the
capacitance
is too
great
and the
measured voltage difference is below 0.5V,
then
the
MP3924
reports
0110.
If
the
capacitance is too low and the measured
voltage reaches 18.5V, then the MP3924
reports 0100 or 0101. All of these results are
invalid in legacy detection.
Table 1: Legacy Detection Measurements
Parameter
Value
Units
Minimum measurable
capacitance
5
µF
Maximum measurable
capacitance
100
µF
Capacitance test charge
current
500
µA
Nominal measurement time
150
ms
Maximum voltage before
start measurement
2.4
V
Duration of first port
discharge period
250
ms
Duration of second port
discharge period
500
ms
Maximum voltage during
measurement
18.5
V
If legacy detection is enabled and a legacy
device is detected in automatic mode, then the
detection
status
is
reported
in
the
LEGACY_DETECT_RESULTx
registers.
However,
the
device
does
not
start
up
immediately, as it requires a host command
through the I2C.
If LEGENx is set to 01 or 10 in automatic or
semi-automatic mode, there is initially one
standard
detecting
cycle.
If
the
standard
resistance detection result is valid, then the
MP3924 does not continue legacy detection
and the classification process begins instead. If
the standard resistance detection result is not
valid and legacy detection is valid, the MP3924
does not start the classification process, even if
the CLSENx bit is set. In this scenario, a
software command is required to trigger the
classification process.
If the following conditions are met, then PON
automatically powers the port (even if the
classification result does not match, or there is
an OC condition):
 PON is enabled by the software after the
legacy detection is determined to be valid.
 The MP3924 is in automatic or semi-
automatic mode.
If the LEGENx bit is enabled in automatic or
semi-automatic mode, the legacy detection
result
repeats
and
refreshes
the
LEGACY_DETECT_RESULTx registers. This
process repeats until the
LEGENx bit
is
disabled. In manual mode, legacy detection
occurs once, then the LEGENx bits resets
automatically. It is recommended to use manual
mode.
Operation Modes
The MP3924 provides four operation modes to
flexibly control PoE communication and start-up:
automatic mode, semi-automatic mode, manual
mode, and shutdown mode. The AUTO pin and
the MODEx bits set the different modes, which
are described below in greater detail.
Automatic Mode
In automatic mode, the MP3924 automatically
controls
and
responds
to
all
detection,
classification,
and
start-up
functions.
The
MP3924 handles these processes for each port
independently and without external I2C control.
Float the AUTO pin to force the MP3924 to
work in automatic mode.
In automatic mode, the MODEx bits are set to
11 when device turns on. The AUTO pin status
is only read once when the device turns on or
the MP3924 is reset. If a master is connected to
the MP3924 via the I2C, then the master can
change
the
MODEx
bits
to
change
the
operation mode. If there is no valid PD on the
port in automatic mode, then the MP3924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com