Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 43 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 43 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 39Page - Monolithic Power Systems MP3924 Datasheet HTML 40Page - Monolithic Power Systems MP3924 Datasheet HTML 41Page - Monolithic Power Systems MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems MP3924 Datasheet HTML 46Page - Monolithic Power Systems MP3924 Datasheet HTML 47Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
43
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D[2:0]
DETR2
000
Indicates
port 2’s detection result.
000: Detection has not completed (default after a power-on reset)
001: The port is shorted (VIN - OUT < 1.5V)
010: CDET too high (exceeds 5µF)
011: RDET is too low (below
19kΩ)
100: Detection is valid (19kΩ < RDET < 26.5kΩ)
101: RDET
is too high (exceeds 26.5kΩ)
110: The port is open (<15µA load current)
111: Low impedance to PGND (OUT - PGND < 2V)
DET/CLS_RESULT3 (28h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:4]
CLSR3
0000
Returns the classification result for port 3.
0000: Classification is not done
0001: Class 1
0010: Class 2
0011: Class 3
0100: Class 4
0101: Class 5
0110: Class 0
0111: Over-current (OC) condition
1000: The first and secondary class results do not match
If Class 5 is enabled, any current that exceeds Class
4’s upper limit is considered a
Class 5 result. An OC condition triggers a current limit. If Class 5 is disabled, any
current exceeding Class
4’s upper limit is considered an OC condition.
D[3]
2EVNTC3
0
Indicates whether two-event classification has been completed on port 3. This bit is
set to 1 if two-event classification has been completed. This bit is only set once
Class 4 and Class 5 are successfully detected.
D[2:0]
DETR3
000
Indicates port 3’s detection result.
000: Detection has not completed (default after a power-on reset)
001: The port is shorted (VIN - OUT < 1.5V)
010: CDET too high (exceeds 5µF)
011: RDET
is too low (below 19kΩ)
100: Detection is valid (19kΩ < RDET < 26.5kΩ)
101: RDET
is too high (exceeds 26.5kΩ)
110: The port is open (<15µA load current)
111: Low impedance to PGND (OUT - PGND < 2V)
DET/CLS_RESULT4 (29h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:4]
CLSR4
0000
Returns the classification result for port 4.
0000: Classification is not done
0001: Class 1
0010: Class 2
0011: Class 3
0100: Class 4
0101: Class 5
0110: Class 0
0111: Over-current (OC) condition
1000: The first and secondary class results do not match
If Class 5 is enabled, any current that exceeds Class
4’s upper limit is considered a
Class 5 result. An OC condition triggers a current limit. If Class 5 is disabled, any
current exceeding Class
4’s upper limit is considered an OC condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com