Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 5Page - Monolithic Power Systems MP3924 Datasheet HTML 6Page - Monolithic Power Systems MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems MP3924 Datasheet HTML 10Page - Monolithic Power Systems MP3924 Datasheet HTML 11Page - Monolithic Power Systems MP3924 Datasheet HTML 12Page - Monolithic Power Systems MP3924 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
9
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 54V, PGND, DGND, SGND1, and SGND2 are connected together, RSENSE = 0.25Ω,
TJ = -40°C to +125°C (6), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Gate Driver
GATE source capability
ISOURCE
Port start-up, VGATE = GND
-43
µA
GATE sink capability
ISINK
Port shutdown, VGATE = 10V
60
µA
Port shutdown, VGATE < 1V
9
mA
Trigger SCP,
VSENSE = 450mV,
VGATE = 5V (7)
100
mA
GATE clamp voltage
VGS_MAX
Float GATE pin
10
V
OUT Pin
OUT pin resistance
ROUT
Between VIN and OUTx, pull
OUTx high in idle state
(detection/classification off,
port shutdown)
0.2
MΩ
OUT pin bias current
IOUT
OUTx = 0V, port start-up
-270
µA
OUTx = 54V, port shutdown
1
µA
Protection
Output power good (PG)
rising threshold
VPG
OUTx pin voltage decrease
1.5
2
2.5
V
Output PG hysteresis
VPG_HYS
400
mV
PG delay
Low to high deglitch
3
ms
High to low deglitch
10
µs
Current limit threshold
VILIM
Class 0~3, ILIMx bit = 0
101
106.25
111.5
mV
Class 4, ILIMx bit = 1
201
212.5
224
mV
Class 5, ILIMx bit = 1
251.75
265
278.25
mV
Over-current (OC) detection
threshold
VCUT
Class 0~3 (ICUTx = 000)
89.06
93.75
98.44
mV
Class 4 (ICUTx = 100)
154.38
162.5
170.63
mV
Class 5 (ICUTx = 101)
218.5
230
241.5
mV
Current limit timer
tILIM
TILIM = 11
50
60
70
ms
OC timer
tICUT
TCUT = 10
50
60
70
ms
Start inrush current limit
timer
tINRUSH
TINRUSH = 10
50
60
70
ms
Foldback initial voltage
VFOLD_ST
OUTx pin voltage when ILIM
decreases, ILIMx bit = 0
32
V
OUTx pin voltage when ILIM
decreases, ILIMx bit = 1
18
V
Foldback end voltage
VFOLD_END
OUTx pin voltage when ILIM
decreases to minimum value
46
V
Foldback minimum current
limit
VLIM_MIN
Short VIN to OUTx, FBLIMT
bit = 1, Class 4
40
mV
Short VIN to OUTx, FBLIMT
bit = 0, Class 4
22
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com