Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 47 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 47 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems MP3924 Datasheet HTML 46Page - Monolithic Power Systems MP3924 Datasheet HTML 47Page - Monolithic Power Systems MP3924 Datasheet HTML 48Page - Monolithic Power Systems MP3924 Datasheet HTML 49Page - Monolithic Power Systems MP3924 Datasheet HTML 50Page - Monolithic Power Systems MP3924 Datasheet HTML 51Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
47
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ADC RESULT REGISTERS
PORT_1_CURRENT (40h and 41h)
Read-only
Bits
Bit Name
Default Value
Description
(40h)
D[0]
PORT_1_
CURRENT_DATA
0
Returns the lower bit of port 1
’s ADC current result.
41h
D[7:0]
0000 0000
Returns the higher bits of port 1
’s ADC current result.
The output current can be calculated with the following equation:
Output current = 2.4mA x COUNT - 10mA
Where COUNT is the unsigned binary integer of the ADC result.
PORT_1_VOLTAGE (42h and 43h)
Read-only
Bits
Bit Name
Default Value
Description
42h
D[0]
OUT1_
PIN_
VOLTAGE
_DATA
0
Returns the lower bit of port 1
’s ADC voltage result.
43h
D[7:0]
0000 0000
Returns the higher bits of port 1
’s ADC voltage result.
The sum of these two registers is the OUT1 pin voltage. The port output voltage
can be calculated with the following equation:
Output voltage = 0.15V x (VIN COUNT - OUT1 COUNT)
Where COUNT is the unsigned binary integer of the ADC result.
PORT_2_CURRENT (44h and 45h)
Read-only
Bits
Bit Name
Default Value
Description
44h
D[0]
PORT_2_
CURRENT_
DATA
0
Returns the lower bit of port 2’s ADC current result.
45h
D[7:0]
0000 0000
Returns the higher bits of port
2’s ADC current result.
The output current can be calculated with the following equation:
Output current = 2.4mA x COUNT - 10mA
Where COUNT is the unsigned binary integer of the ADC result.
PORT_2_VOLTAGE (46h and 47h)
Read-only
Bits
Bit Name
Default Value
Description
46h
D[0]
OUT2_PIN_
VOLTAGE_
DATA
0
Returns the lower bit o
f port 2’s ADC voltage result.
47h
D[7:0]
0000 0000
Returns the higher bits of port 2
’s ADC voltage result.
The sum of these two registers is the OUT2 pin voltage. The port output voltage
can be calculated with the following equation:
Output voltage = 0.15V x (VIN COUNT - OUT2 COUNT)
Where COUNT is the unsigned binary integer of the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com