Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 15Page - Monolithic Power Systems MP3924 Datasheet HTML 16Page - Monolithic Power Systems MP3924 Datasheet HTML 17Page - Monolithic Power Systems MP3924 Datasheet HTML 18Page - Monolithic Power Systems MP3924 Datasheet HTML 19Page - Monolithic Power Systems MP3924 Datasheet HTML 20Page - Monolithic Power Systems MP3924 Datasheet HTML 21Page - Monolithic Power Systems MP3924 Datasheet HTML 22Page - Monolithic Power Systems MP3924 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
19
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP3924 is a quad-output power source
equipment (PSE) power controller for IEEE
802.3af/at
power
over
Ethernet
(PoE)
applications. The device establishes a method
of communication between the powered device
(PD) and PSE with detection, classification, and
marked events. The MP3924 also provides
functions for current and voltage protections in
automatic mode as well as I2C command
control mode.
Power Supply
The MP3924 is designed for PoE applications
that require a 44V to 57V input. The MP3924
powers the output port from this input source,
then generates an internal 3.3V for the digital
and analog circuits. The VCC regulator is
enabled after VIN powers
on. When VIN
exceeds VIN_UVLO, the part is enabled after a
delay (tPOR). All functions can be enabled or
disabled by both VCC and EN going above or
below the under-voltage lockout (UVLO) value,
respectively.
The MP3924 uses the PORT_ENABLE register
to disable functions related to all ports, as well
as functions related to individual ports. The
PORT_ENABLE register does not include VIN,
VCC, or EN UVLO.
The device can be reset by any of the below
conditions:
 VIN or VCC UVLO
 EN turning off
 Writing 0 to the ENAL bit
After the MP3924 resets, all internal register are
set to their default values. The following pins
are read and latched into the internal registers:
 AUTO
 MID
 CLS5
 PMAX
 A3~A0
During normal operation, changes to these pins
do not affect the registers.
The MP3924 includes one VIN over-voltage
protection (OVP) threshold at about 65V. All
ports shut down if input OVP is triggered. The
MP3924
outputs
can
restart
with
a
new
detection cycle after OVP recovery.
PD Detection
In normal idle operation, the MP3924 detects
the output port for a valid PD connection, which
typically has a 24.9k
Ω resistance (see Figure 3).
t
80ms
OUTx
Pin
VIN
140ms
140ms
Detection for 24.9k
Ω
Discharge
Classify
VIN (4V)
VIN (8V)
Figure 3: PD Detection Process
During this detection process, the MP3924
generates a two-phase voltage (4V/8V) through
the
OUTx
pin.
Meanwhile,
the
external
MOSFET is off (see Figure 4).
OUTx
VIN
4V/8V
Current
Sense
Figure 4: PD Detection Block Diagram
The OUTx pin sinking current capability is
limited to about 1.2mA. The current and voltage
through the OUTx pin are measured. If the
effective resistance with the two-point test is
valid, this means that one PD device is
connected to the PSE port. The MP3924
integrates a filter to avoid 50Hz/60Hz power line
noise.
After the detection cycle, the DETCx bit is set,
and an interrupt signal is generated to report
that detection has completed. The host can
read
each port’s DET/CLS_RESULT register to
obtain the detection results. After one detection
cycle, the MP3924 enters classification mode if
the PD connection is valid.
If the output port is shorted or the detected
capacitance is too high, the OUTx pin limits the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com