Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 3Page - Monolithic Power Systems MP3924 Datasheet HTML 4Page - Monolithic Power Systems MP3924 Datasheet HTML 5Page - Monolithic Power Systems MP3924 Datasheet HTML 6Page - Monolithic Power Systems MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems MP3924 Datasheet HTML 10Page - Monolithic Power Systems MP3924 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
7
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 54V, PGND, DGND, SGND1, and SGND2 are connected together, RSENSE = 0.25Ω,
TJ = -40°C to +125°C (6), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input under-voltage lockout
(UVLO)
VIN_UVLO
VIN rising
28
29.5
31
V
Input UVLO hysteresis
VIN_UVLO_HYS
2.7
V
Input over-voltage lockout
(OVLO)
VIN_OVP
VIN rising
62
65
68
V
Input OVLO hysteresis
VIN_OVP_HYS
2.8
V
Input OVP lockout delay (7)
100
µs
Input power okay threshold
VIN_OK
VIN rising
38
40
42
V
Input power okay hysteresis
VIN_OK_HYS
0.7
V
EN logic high voltage
VHI
2.5
V
EN logic low voltage
VLI
0.4
V
EN input current
Pull EN to 0V, 3.3V
0
µA
EN turn on/off delay
tEN_ON
EN pin high pulse duration
for start-up or low-pulse
duration for shutdown
150
µs
tEN_OFF
120
Supply current
IIN
Logic pin is floating, no
connection for all output
ports, AUTO = low
2
4
mA
Shutdown current
ISD
EN = 0V
150
µA
VCC regulation
VCC
Load = 0mA
3.3
V
Load = 15mA
3.2
VCC UVLO
VCC_UVLO
VCC rising
2.3
2.5
2.7
V
VCC UVLO hysteresis
VCC_UV_HYS
170
mV
VCC current limit
VCC = DGND
17
mA
Power-on reset (POR) delay
tPOR
From VCC on to detection
0.5
ms
Detection
First detection voltage
VDET1
Test the VIN to OUTx pins
3.6
4
V
Second detection voltage
VDET2
Test the VIN to OUTx pins
7.2
8
V
Detection voltage slew rate
VSLEW
CDET = 0.1µF
0.02
V/µs
Detection current limit
IDET_LIMIT
Short VIN to OUTx
1
1.2
1.5
mA
Short-circuit detection
threshold
VSC
First detection voltage
1
1.5
1.8
V
Open-circuit current
threshold
IOPEN
10
15
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com