Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 40Page - Monolithic Power Systems MP3924 Datasheet HTML 41Page - Monolithic Power Systems MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems MP3924 Datasheet HTML 46Page - Monolithic Power Systems MP3924 Datasheet HTML 47Page - Monolithic Power Systems MP3924 Datasheet HTML 48Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
44
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D[3]
2EVNTC4
0
Indicates whether two-event classification has been completed on port 4. This bit is
set to 1 if two-event classification has been completed. This bit is only set once
Class 4 and Class 5 are successfully detected.
D[2:0]
DETR4
000
Indicates port 4’s detection result.
000: Detection has not completed (default after a power-on reset)
001: The port is shorted (VIN - OUT < 1.5V)
010: CDET too high (exceeds 5µF)
011: RDET is too low (below
19kΩ)
100: Detection is valid (19kΩ < RDET < 26.5kΩ)
101: RDET
is too high (exceeds 26.5kΩ)
110: The port is open (<15µA load current)
111: Low impedance to PGND (OUT - PGND < 2V)
POWER_STATUS (2Ah)
Read-only
Bits
Bit Name
Default Value
Description
D[7]
PG4
0
Indicates the power good (PG) status for all ports. This bit is set to 1 if the
corresponding port’s power is on, and if the OUTx pin’s voltage is below VPG.
The PG bit resets once the OUTx pin
’s voltage exceeds the VPG threshold with a
short deglitch time.
D[6]
PG3
0
D[5]
PG2
0
D[4]
PG1
0
D[3]
PEN4
0
Indicates whether power has been enabled on a port. These bits are set to 1 if the
corresponding port is powered on.
D[2]
PEN3
0
D[1]
PEN2
0
D[0]
PEN1
0
POWER_STATUS_CHANGE (2Bh and 2Ch)
(2Bh) Read-only
(2Ch) Read and clear
Bits
Bit Name
Default Value
Description
D[7]
PGC4
0
Indicates whether the power good (PG) status has changed on the ports. This bit is
set to 1 if the PG status changes on the corresponding port.
D[6]
PGC3
0
D[5]
PGC2
0
D[4]
PGC1
0
D[3]
PEC4
0
Indicates whether the power status has been enabled or disabled on the ports.
This bit is set 1 if the power status changes (disabled or enabled) on the
corresponding port.
D[2]
PEC3
0
D[1]
PEC2
0
D[0]
PEC1
0
OVER_LOAD_STATUS (2Dh and 2Eh)
(2Dh) Read-only
(2Eh) Read and clear
Bits
Bit Name
Default Value
Description
D[7]
OCUT4
0
Indicates whether the ICUT1~4 timer (tICUT) has finished counting after ICUTx
exceeds the over-current (OC) threshold. This bit is set to 1 if tICUT times out.
D[6]
OCUT3
0
D[5]
OCUT2
0
D[4]
OCUT1
0
D[3]
STF4
0
Indicates a start-up failure for all ports. This bit is set to 1 if start-up inrush timer
times out, or if there is a power-on command failure.
D[2]
STF3
0
D[1]
STF2
0
D[0]
STF1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com