Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 46 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 46 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems MP3924 Datasheet HTML 44Page - Monolithic Power Systems MP3924 Datasheet HTML 45Page - Monolithic Power Systems MP3924 Datasheet HTML 46Page - Monolithic Power Systems MP3924 Datasheet HTML 47Page - Monolithic Power Systems MP3924 Datasheet HTML 48Page - Monolithic Power Systems MP3924 Datasheet HTML 49Page - Monolithic Power Systems MP3924 Datasheet HTML 50Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
46
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D[3:0]
LEGDET1
0000
Returns the legacy detection results for port 1.
0000: No legacy detection
0001: Valid (5µF < PD input capacitor < 100µF)
0010: Unable to discharge the PD input capacitance to 2.4V
0100: The first measurement exceeds the 18.5V maximum voltage
0101: The second measurement exceeds the 18.5V maximum voltage
0110: The difference between the measured voltages is below 0.5V
LEGACY_DETECT_RESULT2 (36h)
Read-only
Bits
Bit Name
Default Value
Description
D[7:4]
LEGDET4
0000
Returns the legacy detection results for port 4.
0000: No legacy detection
0001: Valid (5µF < PD input capacitor < 100µF)
0010: Unable to discharge the PD input capacitance to 2.4V
0100: The first measurement exceeds the 18.5V maximum voltage
0101: The second measurement exceeds the 18.5V maximum voltage
0110: The difference between the measured voltages is below 0.5V
D[3:0]
LEGDET3
0000
Returns the legacy detection results for port 3.
0000: No legacy detection
0001: Valid (5µF < PD input capacitor < 100µF)
0010: Unable to discharge the PD input capacitance to 2.4V
0100: The first measurement exceeds the 18.5V maximum voltage
0101: The second measurement exceeds the 18.5V maximum voltage
0110: The difference between the measured voltages is below 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com